Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MC75-2R2MF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MC75-2R2MF
Description  Saturation current rating up to 15.3 Amps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MC75-2R2MF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MC75-2R2MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC75-2R2MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC75-2R2MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC75-2R2MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC75-2R2MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
1 
1MC Series
Unshielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MC‐2013A
Accetek 
A FEATURES
 Saturation current rating up to 15.3 Amps
 Inductance ratings from 0.8 to 1000 µH
 Widely applications, highly recommend to use for switching regulators
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
 260°C reflow peak temperature qualified
B PART NUMBER SYSTEM
1MC
105
-
100
M
F
❶ 
❷ 
 
❸ 
❹ 
❺ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
1MC
Series Code
43 (4.0×4.5×3.2)
54 (5.2×5.8×4.5)
75 (7.0×7.8×5.0)
105 (9.0×10.0×5.4)
❸ 
Inductance Code
e.g.
Calculation
❹ 
Inductance Tolerance
2R2
2.2μH
K
±10%
100
10×100μH = 10μH
L
±15%
101
10×101μH = 100μH
M
±20%
❺ 
RoHS Compliant
C DRAWINGS AND DIMENSIONS
 
Drawing
Schematic
I
I
G
H
XXX
B
C
A
1
2
XXX = Inductance value
Case Size
Dimensions
A
B
C
Iref.
Gref.
Href.
1MC31
3.5±0.2
3.0±0.2
1.6±0.3
1.6
0.8
3.5
1MC32
3.5±0.2
3.0±0.2
2.1±0.3
1.6
0.8
3.5
1MC43
4.5±0.3
4.0±0.3
3.2±0.3
1.75
1.5
5.0
1MC54
5.8±0.3
5.2±0.3
4.5±0.3
2.15
1.7
6.0
1MC75
7.8±0.3
7.0±0.3
5.0±0.5
3.00
2.0
8.0
1MC105
10.0±0.4
9.0±0.4
5.4±0.5
3.75
2.5
10.0


Similar Part No. - 1MC75-2R2MF

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC04-004-03 RMT-1MC04-004-03 Datasheet
2Mb / 9P
   Blank ceramics (not metallized) Metallized (Au plating)
1MC04-004-05 RMT-1MC04-004-05 Datasheet
241Kb / 4P
   Thermoelectric Module
1MC04-004-05 RMT-1MC04-004-05 Datasheet
2Mb / 9P
   Blank ceramics (not metallized) Metallized (Au plating)
1MC04-004-08 RMT-1MC04-004-08 Datasheet
241Kb / 4P
   Thermoelectric Module
1MC04-004-08 RMT-1MC04-004-08 Datasheet
2Mb / 9P
   Blank ceramics (not metallized) Metallized (Au plating)
More results

Similar Description - 1MC75-2R2MF

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
   Up to 15.3 Mbps in 2-wire operation
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Pulse A Technitrol Comp...
PE-53653NLT PULSE-PE-53653NLT Datasheet
181Kb / 2P
   Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz
logo
Crydom Inc.,
DR24D03 CRYDOM-DR24D03 Datasheet
854Kb / 7P
   Rating 3 Amps
logo
Nell Semiconductor Co.,...
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
   Voltage rating up to 1600V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
   Voltage rating up to 1200V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
   Voltage rating up to 1600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com