Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MB124-180MF Datasheet(PDF) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MB124-180MF
Description  Shielded Construction with low DCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MB124-180MF Datasheet(HTML) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MB124-180MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB124-180MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB124-180MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB124-180MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB124-180MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB124-180MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
 
4 
1MB Series
Shielded Power Inductor– Low Cost Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                          Ver.:1MB‐2014A
Accetek 
Part Number
Inductance(μH)
Test Freq.
Tolerance
DCR1 Max.(Ω)
IRated2
1MB125-270MF
27
1KHz, 0.3V
±20%
0.051
2.30
1MB125-330MF
33
1KHz, 0.3V
±20%
0.057
2.10
1MB125-390MF
39
1KHz, 0.3V
±20%
0.068
2.00
1MB125-470MF
47
1KHz, 0.3V
±20%
0.075
1.80
1MB125-560MF
56
1KHz, 0.3V
±20%
0.110
1.70
1MB125-680MF
68
1KHz, 0.3V
±20%
0.120
1.50
1MB125-820MF
82
1KHz, 0.3V
±20%
0.140
1.40
1MB125-101MF
100
1KHz, 0.3V
±20%
0.160
1.30
1MB125-121MF
120
1KHz, 0.3V
±20%
0.170
1.10
1MB125-151MF
150
1KHz, 0.3V
±20%
0.230
1.00
1MB125-181MF
180
1KHz, 0.3V
±20%
0.290
0.90
1MB125-221MF
220
1KHz, 0.3V
±20%
0.400
0.80
1MB125-271MF
270
1KHz, 0.3V
±20%
0.460
0.75
1MB125-331MF
330
1KHz, 0.3V
±20%
0.510
0.68
1MB125-391MF
390
1KHz, 0.3V
±20%
0.690
0.65
1MB125-471MF
470
1KHz, 0.3V
±20%
0.770
0.58
1MB125-561MF
560
1KHz, 0.3V
±20%
0.860
0.54
1MB125-681MF
680
1KHz, 0.3V
±20%
1.200
0.48
1MB127-1R0NF
1.0
100KHz, 0.3V
±30%
0.006
12.00
1MB127-2R2NF
2.2
100KHz, 0.3V
±30%
0.012
8.00
1MB127-3R3NF
3.3
100KHz, 0.3V
±30%
0.013
8.00
1MB127-4R7NF
4.7
100KHz, 0.3V
±30%
0.016
6.80
1MB127-6R8NF
6.8
100KHz, 0.3V
±30%
0.019
6.60
1MB127-8R2NF
8.2
100KHz, 0.3V
±30%
0.020
5.60
1MB127-100MF
10
1KHz, 0.3V
±20%
0.021
5.40
1MB127-120MF
12
1KHz, 0.3V
±20%
0.024
4.90
1MB127-150MF
15
1KHz, 0.3V
±20%
0.027
4.50
1MB127-180MF
18
1KHz, 0.3V
±20%
0.039
3.90
1MB127-220MF
22
1KHz, 0.3V
±20%
0.043
3.60
1MB127-270MF
27
1KHz, 0.3V
±20%
0.046
3.40
1MB127-330MF
33
1KHz, 0.3V
±20%
0.065
3.00
1MB127-390MF
39
1KHz, 0.3V
±20%
0.073
2.75
1MB127-470MF
47
1KHz, 0.3V
±20%
0.100
2.50
1MB127-560MF
56
1KHz, 0.3V
±20%
0.110
2.35
1MB127-680MF
68
1KHz, 0.3V
±20%
0.140
2.10
1MB127-820MF
82
1KHz, 0.3V
±20%
0.160
1.95
1MB127-101MF
100
1KHz, 0.3V
±20%
0.220
1.70
1MB127-121MF
120
1KHz, 0.3V
±20%
0.250
1.60
1MB127-151MF
150
1KHz, 0.3V
±20%
0.280
1.42
1MB127-181MF
180
1KHz, 0.3V
±20%
0.350
1.30
1MB127-221MF
220
1KHz, 0.3V
±20%
0.390
1.16
1MB127-271MF
270
1KHz, 0.3V
±20%
0.560
1.06
1MB127-331MF
330
1KHz, 0.3V
±20%
0.640
0.95
1MB127-391MF
390
1KHz, 0.3V
±20%
0.700
0.88
1MB127-471MF
470
1KHz, 0.3V
±20%
0.980
0.79


Similar Part No. - 1MB124-180MF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MB12-140 FUJI-1MB12-140 Datasheet
118Kb / 5P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - 1MB124-180MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MA ACCETEK-1MA Datasheet
327Kb / 9P
   Shielded Construction with very low DCR
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
logo
TOKO, Inc
FDV0618 TOKO-FDV0618 Datasheet
120Kb / 1P
   Magnetically shielded construction, low DC resistance
FDUM0640 TOKO-FDUM0640 Datasheet
101Kb / 1P
   Magnetically shielded construction, low DC resistance.
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com