Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5247 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC5247
Description  Silicon NPN Epitaxial
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5247 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC5247 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5247 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5247 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5247 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5247 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5247 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5247 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5247 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5247 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5247
7
S Parameter (V
CE = 4 V, IC = 5 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.785
–33.8
11.8
153
0.037
72.5
0.905
–20.6
400
0.650
–59.8
9.73
134
0.061
61.4
0.758
–34.2
600
0.537
–79.7
7.85
120
0.077
56.3
0.632
–42.5
800
0.450
–96.7
6.54
111
0.087
54.6
0.540
–47.4
1000
0.400
–112
5.43
103
0.097
54.8
0.477
–49.5
1200
0.354
–122
4.67
96.7
0.105
55.3
0.434
–51.2
1400
0.317
–134
4.09
92.1
0.114
56.6
0.403
–52.3
1600
0.308
–145
3.64
87.6
0.123
58.0
0.382
–53.4
1800
0.283
–154
3.32
83.6
0.133
59.0
0.363
–54.7
2000
0.279
–163
3.02
79.8
0.142
60.3
0.348
–55.6
S Parameter (V
CE = 4 V, IC = 20 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.510
–60.9
21.4
137
0.029
67.3
0.747
–33.8
400
0.376
–96.0
14.3
116
0.044
63.5
0.527
–45.5
600
0.310
–120
10.4
106
0.056
64.8
0.411
–48.7
800
0.278
–137
8.05
98.5
0.069
66.9
0.347
–49.7
1000
0.266
–151
6.56
92.9
0.082
68.5
0.310
–49.1
1200
0.251
–162
5.54
88.6
0.095
69.4
0.287
–49.1
1400
0.252
–172
4.81
85.3
0.108
70.7
0.272
–48.8
1600
0.253
178
4.25
81.8
0.122
70.8
0.261
–49.2
1800
0.252
173
3.83
78.6
0.135
70.9
0.255
–49.8
2000
0.253
165
3.48
75.8
0.148
71.3
0.248
–50.6


Similar Part No. - 2SC5247

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC524 TOSHIBA-2SC524 Datasheet
230Kb / 3P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH VOLTAGE SWITCHING APPLICATIONS. REGULATOR APPLICATIONS.
logo
Shindengen Electric Mfg...
2SC5241 SHINDENGEN-2SC5241 Datasheet
508Kb / 12P
   Switching Power Transistor(5A NPN)
logo
Inchange Semiconductor ...
2SC5241 ISC-2SC5241 Datasheet
84Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5241 SAVANTIC-2SC5241 Datasheet
213Kb / 3P
   Silicon NPN Power Transistors
2SC5241 SAVANTIC-2SC5241 Datasheet
214Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC5247

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com