Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MB73-151MF Datasheet(PDF) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MB73-151MF
Description  Shielded Construction with low DCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MB73-151MF Datasheet(HTML) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MB73-151MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB73-151MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB73-151MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB73-151MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB73-151MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB73-151MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
 
5 
1MB Series
Shielded Power Inductor– Low Cost Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                          Ver.:1MB‐2014A
Accetek 
Part Number
Inductance(μH)
Test Freq.
Tolerance
DCR1 Max.(Ω)
IRated2
1MB127-561MF
560
1KHz, 0.3V
±20%
1.070
0.73
1MB127-681MF
680
1KHz, 0.3V
±20%
1.460
0.67
1MB127-821MF
820
1KHz, 0.3V
±20%
1.640
0.60
1MB127-102MF
1000
1KHz, 0.3V
±20%
1.820
0.55
1. DCR measured @ 25°C.
2. IRated=Min(Irms,Isat); Irms based on 40℃ rise from 20°C ambient, Isat based on 25% inductance drop.
3. Specifications subject to change without notice please check our website for latest information.
E TAPE AND REEL SPECIFICATIONS
A
B
C
E
D
W
P
P0
P1
H
T
Case Size
Parts per Reel
Reel Dimensions(REF)
Tape Dimensions(REF)
A
B
C
D
E
W
P
P0
P1
H
T
1MB73
1000
330
100
13
22.5
16.5
16
12
4
2
3.8
0.4
1MB74
1000
330
100
13
22.5
16.5
16
12
4
2
4.7
0.4
1MB124
500
330
100
13
30
24.5
24
16
4
2
4.9
0.45
1MB125
500
330
100
13
30
24.5
24
16
4
2
6.2
0.45
1MB127
500
330
100
13
30
24.5
24
16
4
2
8.2
0.45


Similar Part No. - 1MB73-151MF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MB03D-120 FUJI-1MB03D-120 Datasheet
192Kb / 5P
   Fuji Discrete Package IGBT
1MB05-120 FUJI-1MB05-120 Datasheet
234Kb / 4P
   Fuji Discrete Package IGBT
1MB05D-120 FUJI-1MB05D-120 Datasheet
270Kb / 5P
   Fuji Discrete Package IGBT
1MB08-120 FUJI-1MB08-120 Datasheet
234Kb / 4P
   Fuji Discrete Package IGBT
1MB08-120 FUJI-1MB08-120 Datasheet
286Kb / 5P
   1200V / 8A Molded Package
More results

Similar Description - 1MB73-151MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MA ACCETEK-1MA Datasheet
327Kb / 9P
   Shielded Construction with very low DCR
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
logo
TOKO, Inc
FDV0618 TOKO-FDV0618 Datasheet
120Kb / 1P
   Magnetically shielded construction, low DC resistance
FDUM0640 TOKO-FDUM0640 Datasheet
101Kb / 1P
   Magnetically shielded construction, low DC resistance.
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com