Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPE6IWY Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CFPE6IWY
Description  Mini-Com짰 Executive Series Faceplates
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPE6IWY Datasheet(HTML) 1 Page - PANDUIT CORP.

  CFPE6IWY Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
Mini-Com® Executive Series Faceplates
• Accept Mini-Com ® Modules for STP and UTP, fiber optic,
and audio/video, which snap in and out for easy moves,
adds, and changes
• Include label/label covers for easy port identification
• Raised rail design for aesthetic appeal
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory), WH (White), or IG (International Gray).
All faceplates supplied with mounting screws.
Part Number
Part Description
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CFPE1IWY
Single gang, vertical faceplate accepts one
Mini-Com® Module.
Off
White
1
10
CFPE2IWY
Single gang, vertical faceplate accepts two
Mini-Com® Modules.
Off
White
1
10
CFPE4IWY
Single gang, vertical faceplate accepts four
Mini-Com® Modules.
Off
White
1
10
CFPE6IWY
Single gang, vertical faceplate accepts six Mini-Com® Modules.
Requires minimum 1.9" wide electrical box for proper mounting.
Off
White
1
10
CFPE10IW-2GY Double gang, vertical faceplate accepts ten Mini-Com® Modules.
Off
White
1
10
Mini-Com® Sloped Executive Series Faceplate Kit
• Accepts Mini-Com ® Modules for STP and UTP, fiber optic,
and audio/video, which snap in and out for easy moves,
adds, and changes
• Sloped inserts are front releasable
• Includes label/label covers for easy port identification
• Raised rail design for aesthetic appeal
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory), WH (White), or IG (International Gray).
All faceplates supplied with mounting screws.
Part Number
Part Description
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CFPSE4IWY
Single gang, vertical faceplate frame and two sloped
inserts (two module spaces each). Accepts four
Mini-Com® Modules.
Off
White
1
10
CFPE1IWY CFPE2IWY CFPE4IWY
CFPE6IWY CFPE10IW-2GY
Component Labels for Mini-Com® Executive Series Faceplates
Suggested Label Solutions for TIA/EIA-606-A Compliance
Faceplate
Part Number
Laser/Ink Jet Desktop
Printer Label
TDP43ME Thermal
Transfer Desktop
Printer Label
PanTherLS8E
Hand-Held Printer Label
CougarLS9
Hand-Held Printer Label
CFPE1**Y
C195X040Y1J
C195X040Y1T
C195X040Y1C
T038X000FJC-BK‡
CFPE2**Y
CFPE4**Y
CFPE6**Y
CFPE10**-2GY
C288X040Y1J
C288X040Y1T
C288X040Y1C
T038X000FJC-BK‡
For complete labeling solutions and product information, reference charts on pages O.1 – O.22
of SA-NCCB51.
‡For non-adhesive labeling solution, do not remove liner from label.


Similar Part No. - CFPE6IWY

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CFPE6XXY PANDUIT-CFPE6XXY Datasheet
79Kb / 1P
   MINI-COM 6 POSITION EXECUTIVE SERIES FACEPLATE
More results

Similar Description - CFPE6IWY

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CFP1IW PANDUIT-CFP1IW Datasheet
124Kb / 1P
   Mini-Com짰 Classic Series Faceplates
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
   Mini-Com짰 Modular Furniture Faceplates
1/2015
CPPL24WBLY PANDUIT-CPPL24WBLY Datasheet
735Kb / 3P
   Mini-Com짰 Modular Patch Panels with Faceplates
CHS2IW-X PANDUIT-CHS2IW-X Datasheet
246Kb / 1P
   Mini-Com짰 Inserts
CFPE6XXY PANDUIT-CFPE6XXY Datasheet
79Kb / 1P
   MINI-COM 6 POSITION EXECUTIVE SERIES FACEPLATE
CBX1IW-A PANDUIT-CBX1IW-A Datasheet
1Mb / 1P
   Mini-Com짰 Surface Mount Boxes
CMNZABL-X PANDUIT-CMNZABL-X Datasheet
119Kb / 2P
   Mini-Com짰 One Position Adapters
CMRPRIW PANDUIT-CMRPRIW Datasheet
81Kb / 2P
   Mini-Com짰 RCA Pass-Through Modules
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
   Mini-Com짰 TX5e??UTP Jack Modules
4/2015
CFPE4XXY PANDUIT-CFPE4XXY Datasheet
80Kb / 1P
   MINI-COM 4 POSITION EXECUTIVE SERIES VERTICAL FACEPLATE
4-26-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com