Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS25012A1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS25012A1
Description  APPLICATION BOARDS FOR EPIC SENSOR PS25201A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PS25012A1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS25012A1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS25012A1 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS25012A1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet 291501 issue 1
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
1
PS25012A1, PS25012B1
Application Boards for EPIC sensor PS25201A
Figure 1
Description
The PS25012A1 and PS25012B1 are single and
dual
channel
application
boards
for
the
demonstration of the Plessey PS25201A electric
potential sensor.
The PS25201A electric potential sensors on these
boards allow the measurement of a wide range of
electric potential sources from electrophysiological
signals through to spatial electric field. The sensors
incorporate a DC block feature that allows the DC
component of an applied signal to be rejected while
maintaining good low frequency response.
The
electrode surface of the detector is passivated with a
thin dielectric that allows the direct application to a
test surface. In the case of contact with skin there is
no need for electrically conductive gel.
The PS25201A sensor demonstrated on these
boards is an integrated assembly designed for
surface mount assembly on a motherboard.
The application boards provide the regulated +2.5V
and generated -2.5V supplies that are used to
operate the sensor.
This allows the boards to
demonstrate the sensors from a wide, single sided,
power supply voltage while the output of the sensor
can cover the range ±2.1V.
The boards are
connected by a high reliability five pin connector.
Two single channel PS25012A1 boards or a dual
channel PS25012B1 board may be used to generate
a differential signal. A typical example is shown in
Figure 3 below:
Figure 3: Differential signal from two sensors in
contact with the skin showing ECG type
characteristics
Features
Ultra high input resistance, typically 5x10
10
.
Frequency response (3dB) 200mHz to 4.0kHz.
Wide operating voltage from 4.0 to 8.0V.
Operating temperature range 0 to 50ºC.
200pF load drive capability.
Ground referenced output.
DC signal rejection.
Dual sensor board allows differential operation.
Applications
Electrophysiological signal detection.
• ECG/EOG/EMG/EEG
Electric field and potential sensing.
• Movement sensing
Figure 1: PS25012A1 single channel board carrying a
single PS25201A sensor
Figure 2: PS25012B1 dual channel board carrying
two PS25201A sensors


Similar Part No. - PS25012A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25012A1 ETC2-PS25012A1 Datasheet
896Kb / 3P
   Application Boards for EPIC sensor
More results

Similar Description - PS25012A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25014A1 ETC2-PS25014A1 Datasheet
402Kb / 3P
   Application Boards for EPIC sensor
PS25012A1 ETC2-PS25012A1 Datasheet
896Kb / 3P
   Application Boards for EPIC sensor
PS25012A3 ETC2-PS25012A3 Datasheet
897Kb / 3P
   Application Boards for EPIC sensor
PS25014A2 ETC2-PS25014A2 Datasheet
403Kb / 3P
   Application Boards for EPIC sensor
PS25012A4 ETC2-PS25012A4 Datasheet
897Kb / 3P
   Application Boards for EPIC sensor
PS25012A2 ETC2-PS25012A2 Datasheet
896Kb / 3P
   Application Boards for EPIC sensor
PS25012A2 ETC1-PS25012A2 Datasheet
896Kb / 3P
   APPLICATION BOARDS FOR EPIC SENSOR PS25202
PS25012A4 ETC1-PS25012A4 Datasheet
897Kb / 3P
   APPLICATION BOARDS FOR EPIC SENSOR PS25204
PS25014A2 ETC1-PS25014A2 Datasheet
403Kb / 3P
   APPLICATION BOARDS FOR EPIC SENSOR PS25402
PS25012A3 ETC1-PS25012A3 Datasheet
897Kb / 3P
   APPLICATION BOARDS FOR EPIC SENSOR PS25203
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com