Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLB010090M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PLB010090M
Description  MAGIC LED CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLB010090M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PLB010090M Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB010090M Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB010090M Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB010090M Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB010090M Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLB010090 Series
| Advanced Product Information
Datasheet 292977 Issue 1
Page 2 of 5
01/05/2014
Absolute Maximum Ratings
Tamb = 25oC unless otherwise stated
Parameter
Symbol
Minimum
Maximum
Unit
DC Forward Current
IF
-
160
mA
Peak Pulse Forward Current[1]
IFP
-
180
mA
Reverse Voltage
VR
-
5
V
Storage Temperature
Tstg
-40
+100
oC
Junction Temperature
Tj
-30
+105
oC
[1] pulse width ≤10ms, duty cycle ≤10%
Electro-optical Characteristics
Tamb = 25oC unless otherwise stated
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF =100mA
2.8
3.3
3.6
V
Reverse Current
IR
VR = 5V
-
-
10
µA
Dominant wavelength
λdom (M)
λdom (P)
λdom (T)
IF =100mA
450
-
460
nm
460
-
470
470
-
480
Thermal Resistance
Rj-m*
-
2.5
-
K/W
Half-Intensity Angle
1/2
IF = 100mA
-
120
-
deg
* Junction to mounting face (excluding package)
Mechanical Specifications
Parameter
Dimensions
Tolerance
Die size (µm)
860x860
+0, -40
Die thickness (µm)
150
±20
Bond pad size (Al) (µm)
90
±5
Bond Pad Thickness (µm)
2.7
±.2
Back Metal Thickness (Au)(µm)
0.5
±0.05


Similar Part No. - PLB010090M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
   MAGIC LED
PLB010003-M ETC1-PLB010003-M Datasheet
324Kb / 6P
   MAGIC LED
PLB010003-P ETC1-PLB010003-P Datasheet
324Kb / 6P
   MAGIC LED
PLB010003-T ETC1-PLB010003-T Datasheet
324Kb / 6P
   MAGIC LED
PLB010020 ETC1-PLB010020 Datasheet
315Kb / 5P
   MAGIC LED DIE
More results

Similar Description - PLB010090M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
   MAGIC LED
PLW11A090 ETC1-PLW11A090 Datasheet
520Kb / 11P
   MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
   MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
   MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
   MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
   MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
   MAGIC LED
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
   MAGIC LED
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
   MAGIC LED
PLB11A090 ETC1-PLB11A090 Datasheet
584Kb / 9P
   MAGIC LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com