Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLB010020T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PLB010020T
Description  MAGIC LED DIE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLB010020T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PLB010020T Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB010020T Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB010020T Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB010020T Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB010020T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLB010020 Series | Product Datasheet
Datasheet 293108 Issue 1
Page 3 of 5
20/06/2014
Intensity Bin Groups
IF = 20mA, Tamb = +25oC, unless otherwise stated
Variant
Group
Luminous Intensity
Iv [1] (mcd)
Radiant Power
(mW)
Min.
Max.
Min.
Max.
PLB010020M
2B
-
-
8
10
3B
-
-
10
12
4B
-
-
12
14
5B
-
-
14
16
6B
-
-
16
18
PLB010020P
&
PLB010020T
2B
150
180
-
-
3B
180
220
-
-
4B
220
260
-
-
5B
260
300
-
-
6B
300
360
-
-
[1] tolerance ±11% and packaged with a 1mm radius silicone dome lens (RI 1.41)
Dominant Wavelength Groups
IF = 20mA, Tamb = +25oC, unless otherwise stated
Group
λd
[1](nm)
Min.
Max.
M1
450
452.5
M2
452.5
455
M3
455
457.5
M4
457.5
460
P1
460
465
P2
465
470
T1
470
475
T2
475
480
[1] tolerance ±1nm


Similar Part No. - PLB010020T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
   MAGIC LED
PLB010003-M ETC1-PLB010003-M Datasheet
324Kb / 6P
   MAGIC LED
PLB010003-P ETC1-PLB010003-P Datasheet
324Kb / 6P
   MAGIC LED
PLB010003-T ETC1-PLB010003-T Datasheet
324Kb / 6P
   MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
   MAGIC LED
More results

Similar Description - PLB010020T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
   MAGIC LED
PLW11A090 ETC1-PLW11A090 Datasheet
520Kb / 11P
   MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
   MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
   MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
   MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
   MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
   MAGIC LED
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
   MAGIC LED
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
   MAGIC LED
PLB11A090 ETC1-PLB11A090 Datasheet
584Kb / 9P
   MAGIC LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com