Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURS120T3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MURS120T3G
Description  Surface Mount Ultrafast Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS120T3G Datasheet(HTML) 4 Page - ON Semiconductor

  MURS120T3G Datasheet HTML 1Page - ON Semiconductor MURS120T3G Datasheet HTML 2Page - ON Semiconductor MURS120T3G Datasheet HTML 3Page - ON Semiconductor MURS120T3G Datasheet HTML 4Page - ON Semiconductor MURS120T3G Datasheet HTML 5Page - ON Semiconductor MURS120T3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MURS120T3G Series, SURS8120T3G Series
http://onsemi.com
4
MURS140T3G, MURS160T3G, SURS8140T3G, SURS8160T3G
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.3
0.9
0.5
1.3
3.0
0.01
0.03
0.02
0.2
0.1
10
2.0
0.7
1.1
0.3
0.05
0.5
5.0
1.5
2.3
VR, REVERSE VOLTAGE (VOLTS)
0
100
300
400
40
80
0.008
0.004
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
200
700
Figure 7. Typical Reverse Current*
TC, CASE TEMPERATURE (°C)
020
1.0
2.0
3.0
4.0
5.0
0
6.0
7.0
8.0
9.0
10
40
60
80
100
120
140
160
180
200
VR, REVERSE VOLTAGE (VOLTS)
012
8.0
0
5.0
10
25
15
4.0
40
Figure 8. Typical Capacitance
Figure 9. Current Derating, Case
0
0.5
1.0
2.0
3.0
4.0
5.0
0
1.0
1.5
2.0
2.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 10. Power Dissipation
0.7
0.07
1.0
7.0
1.7
1.9
2.1
100
°C
TC = 25°C
175
°C
600
500
0.08
0.04
0.02
TJ = 100°C
TJ = 25°C
24
20
16
36
32
28
20
NOTE: TYPICAL
CAPACITANCE AT
0 V = 24 pF
*The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if applied VR is sufficiently
below rated VR.
RATED VOLTAGE APPLIED
RqJC = 13°C/W
TJ = 175°C
SQUARE WAVE
DC
TJ = 175°C
DC
SQUARE WAVE
10
5.0
400
200
(CAPACITANCE LOAD)
I
PK
I
AV
+ 20


Similar Part No. - MURS120T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS120T3G ONSEMI-MURS120T3G Datasheet
80Kb / 6P
   Surface Mount Ultrafast Power Rectifiers
December, 2004 ??Rev. 7
MURS120T3G ONSEMI-MURS120T3G Datasheet
60Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
July, 2006 ??Rev. 8
MURS120T3G ONSEMI-MURS120T3G Datasheet
114Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
July, 2010 ??Rev. 9
MURS120T3G ONSEMI-MURS120T3G Datasheet
68Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 13
MURS120T3G ONSEMI-MURS120T3G Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
More results

Similar Description - MURS120T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS360BT3 ONSEMI-MURS360BT3_11 Datasheet
96Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com