Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T811074 Datasheet(PDF) 1 Page - E-SWITCH

Part # T811074
Description  TERMINAL NUMBERS FOR REF ONLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T811074 Datasheet(HTML) 1 Page - E-SWITCH

  T811074 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
800SP9B8M1QE
3/1/2013
T811074
A
EBP
1
1
1
3
3
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
OFF
OPEN
1-3
(ON)=MOMENTARY
8.13
[.320 in]
8.64
[.340 in]
E-SWITCH MARKING
ON OPPOSITE SIDE
FLAT
.51
[.020 in]
7.87
[.310 in]
5.46
[.215 in]
n3.05
[.120 in]
5.08
[.200 in]
A
21051
INITIAL RELEASE
3/1/13
EBP
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 1A @ 250 VAC
3A @ 120 VAC OR 28 VDC
6. MECHANICAL LIFE: 50,000 MAKE-AND-BREAK CYCLES
7. CONTACT RESISTANCE: 20 m
MAX. INITIAL @ 2-4VDC
100mA FOR BOTH GOLD AND SILVER CONTACTS
8. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
9. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
2.80
[.110 in]
1
3
CIRCUIT: SPST
n7.11
[.280 in]
6.22
[.245 in]
.51
[.020 in]
1.52
[.060 in]
5.08
[.200 in]
5.72
[.225 in]
n6.08
[.239 in]


Similar Part No. - T811074

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8110 AGERE-T8110 Datasheet
2Mb / 222P
   Version History
logo
E-SWITCH
T811001 E-SWITCH-T811001 Datasheet
76Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
T811003 E-SWITCH-T811003 Datasheet
78Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T811004 E-SWITCH-T811004 Datasheet
79Kb / 1P
   E-SWITCH 800SP9B5M2QE
More results

Similar Description - T811074

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST811050 E-SWITCH-ST811050 Datasheet
79Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711019 E-SWITCH-T711019 Datasheet
202Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711065 E-SWITCH-T711065 Datasheet
205Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711083 E-SWITCH-T711083 Datasheet
130Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711086 E-SWITCH-T711086 Datasheet
157Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711900 E-SWITCH-T711900 Datasheet
219Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750105 E-SWITCH-T750105 Datasheet
113Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T811005 E-SWITCH-T811005 Datasheet
80Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
P010354 E-SWITCH-P010354 Datasheet
195Kb / 1P
   TERMINAL NUMBERS FOR REF. ONLY
P010367 E-SWITCH-P010367 Datasheet
180Kb / 1P
   TERMINAL NUMBERS FOR REF. ONLY
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com