Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF2450 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUF2450
Description  2 Line EMI Filter with ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF2450 Datasheet(HTML) 2 Page - ON Semiconductor

  NUF2450 Datasheet HTML 1Page - ON Semiconductor NUF2450 Datasheet HTML 2Page - ON Semiconductor NUF2450 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NUF2450
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
ESD Discharge IEC61000−4−2
Contact Discharge
Machine Model
Human Body Model
VPP
20
1.6
16
kV
Operating Temperature Range
TOP
−40 to 85
°C
Storage Temperature Range
TSTG
−55 to 150
°C
Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Reverse Working Voltage
VRWM
5.0
V
Breakdown Voltage
VBR
IR = 1.0 mA
6.0
7.0
8.0
V
Leakage Current
IR
VRWM = 3.3 V
100
nA
Inductance
L
2.3
nH
Series Resistance
RS
0.9
1.3
1.7
W
Capacitance (Note 1)
Cline
VR = 0 V, f = 1.0 MHz
190
240
290
pF
Cut−Off Frequency (Note 2)
f3dB
Above this frequency,
Appreciable Attenuation Occurs
20
MHz
1. Measured at 25°C.
2. 50 W source and 50 W load termination.
FREQUENCY (Hz)
Figure 1. Typical Insertion Loss
Characteristics (S21 Measurement)
−70
−60
−50
−40
−30
−20
−10
0
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
FREQUENCY (Hz)
Figure 2. Analog Crosstalk Curve (S41
Measurement)
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10


Similar Part No. - NUF2450

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2450 ONSEMI-NUF2450 Datasheet
66Kb / 3P
   2 Line EMI Filter
February, 2017 ??Rev. 1
NUF2450MU ONSEMI-NUF2450MU Datasheet
60Kb / 3P
   2 Line EMI Filter with ESD Protection in UDFN8 Package
December, 2006 ??Rev. 0
NUF2450MUT2G ONSEMI-NUF2450MUT2G Datasheet
60Kb / 3P
   2 Line EMI Filter with ESD Protection in UDFN8 Package
December, 2006 ??Rev. 0
NUF2450MUT2G ONSEMI-NUF2450MUT2G Datasheet
66Kb / 3P
   2 Line EMI Filter
February, 2017 ??Rev. 1
NUF2450 ONSEMI-NUF2450_17 Datasheet
66Kb / 3P
   2 Line EMI Filter
February, 2017 ??Rev. 1
More results

Similar Description - NUF2450

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2230XV6 ONSEMI-NUF2230XV6 Datasheet
50Kb / 4P
   2 Line EMI Filter with ESD Protection
July, 2005 ??Rev.3
logo
Vishay Siliconix
GTF701-HS3 VISHAY-GTF701-HS3 Datasheet
70Kb / 5P
   2-Line EMI-Filter with ESD -Protection
Rev. 1.3, 05-Jul-04
logo
ON Semiconductor
NUF2240W1 ONSEMI-NUF2240W1 Datasheet
55Kb / 4P
   2 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 1
NUF2220XV6 ONSEMI-NUF2220XV6 Datasheet
50Kb / 4P
   2 Line EMI Filter with ESD Protection
July, 2005 ??Rev.2
NUF2114MN ONSEMI-NUF2114MN Datasheet
172Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
August, 2006 ??Rev. 1
NUF2070MN ONSEMI-NUF2070MN Datasheet
50Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
February, 2006 ??Rev. 0
NUF2116MN ONSEMI-NUF2116MN Datasheet
82Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
February, 2006 ??Rev. 0
NUF2116MN ONSEMI-NUF2116MN_07 Datasheet
127Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
March, 2007 ??Rev. 1
logo
STMicroelectronics
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
   2-line IPAD, EMI filter with ESD protection
logo
ON Semiconductor
NUF2114 ONSEMI-NUF2114 Datasheet
128Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
October, 2011 ??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com