Electronic Components Datasheet Search |
|
NOIV1SN5000A-QDC Datasheet(PDF) 7 Page - ON Semiconductor |
|
NOIV1SN5000A-QDC Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 71 page NOIV1SN5000A http://onsemi.com 7 OVERVIEW Figure 4 gives an overview of the major functional blocks of the sensor respectively. The system clock is received by the CMOS clock input. A PLL generates the intenal, high speed, clocks, which are distributed to the other blocks. Optionally, the sensor can also accept a high speed LVDS clock, in which case the PLL will be disabled. The sequencer defines the sensor timing and controls the image core. The sequencer is started either autonomously (master mode) or on assertion of an external trigger (slave mode). The image core contains all pixels and readout circuits. The column structure selects pixels for readout and performs correlated double sampling (CDS) or double sampling (DS). The data comes out sequentially and is fed into the analog front end (AFE) block. The programmable gain amplifier (PGA) of the AFE adds the offset and gain. The output is a fully differential analog signal that goes to the ADC, where the analog signal is converted to a 10-bit data stream. Depending on the operating mode, eight or ten bits are fed into the data formatting block. This block adds synchronization information to the data stream based on the frame timing. The data then goes to the low voltage serial (LVDS) interface block which sends the data out through the I/O ring. On-chip programmability is achieved through the Serial Peripheral Interface (SPI). See the Register Map on page 44 for register details. A bias block generates bias currents and voltages for all analog blocks on the chip. By controlling the bias current, the speed-versus-power of each block can be tuned. All biasing programmability is contained in the bias block. The sensor can automatically control exposure and gain by enabling the automatic exposure control block (AEC). This block regulates the integration time along with the analog and digital gains to reach the desired intensity. Figure 4. Block Diagram Pixel Array (2592x2048) Analog Front End (AFE) Data Formatting Serializers & LVDS Interface LVDS Clock Input LVDS Interface 16 Analog channels 16 x 10 bit Digital channels 8 LVDS Channels 1 LVDS Sync Channel 1 LVDS Clock Channel 8 x 10 bit Digital channels Column Structure Image Core Bias Image Core Automatic Exposure Control (AEC) Clock Distribution CMOS Clock Input LVDS Receiver PLL Control & Registers |
Similar Part No. - NOIV1SN5000A-QDC |
|
Similar Description - NOIV1SN5000A-QDC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |