Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1212 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NOA1212
Description  Ambient Light Sensor with Dark Current Compensation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1212 Datasheet(HTML) 4 Page - ON Semiconductor

  NOA1212 Datasheet HTML 1Page - ON Semiconductor NOA1212 Datasheet HTML 2Page - ON Semiconductor NOA1212 Datasheet HTML 3Page - ON Semiconductor NOA1212 Datasheet HTML 4Page - ON Semiconductor NOA1212 Datasheet HTML 5Page - ON Semiconductor NOA1212 Datasheet HTML 6Page - ON Semiconductor NOA1212 Datasheet HTML 7Page - ON Semiconductor NOA1212 Datasheet HTML 8Page - ON Semiconductor NOA1212 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NOA1212
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. Spectral Response (Normalized)
Figure 4. Light Source Dependency
(Normalized to Fluorescent Light)
Figure 5. Output Current vs. Ev
Figure 6. Output Current vs. Ev
(High Gain Mode)
Figure 7. Output Current vs. Ev, 0−1000 lux
(High Gain Mode)
Figure 8. Output Current vs. Ev, 0−100 lux
(High Gain Mode)
0
0.5
1
1.5
2
Incandescent
(2850K)
Fluorescent
(2700K)
White LED
(5600K)
Fluorescent
(5000K)
Ratio
WAVELENGTH (nm)
0.5
200
300
400
500
600
700
800
900
1000
ALS
Human Eye
0.4
0.3
0.2
0.1
0
0.8
0.6
0.7
1.0
0.9
Ev (lux)
1
0.01
0.1
1
10
100
1000 10000 100000 1000000
High Gain
Medium Gain
Low Gain
0.1
0.01
0.001
0.0001
0.00001
1000
10
100
10000
VDD = 3.3 V
Ev (lux)
1
1
10
100
1000
10000 100000
No Load
1 kW Load
10 kW Load
100 kW Load
1000
10
100
10000
VDD = 3.3 V
Ev (lux)
500
0
200
400
600
800
1000
White LED (5600K)
400
300
200
100
0
600
Ev (lux)
50
0
20
40
60
80
100
White LED (5600K)
40
30
20
10
0
60


Similar Part No. - NOA1212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212 Datasheet
109Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. 3
NOA1212 ONSEMI-NOA1212 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1212CUTAG ONSEMI-NOA1212CUTAG Datasheet
109Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. 3
NOA1212CUTAG ONSEMI-NOA1212CUTAG Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1212 ONSEMI-NOA1212_15 Datasheet
109Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. 3
More results

Similar Description - NOA1212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1211 ONSEMI-NOA1211 Datasheet
148Kb / 9P
   Ambient Light Sensor with Dark Current Compensation
March, 2011 ??Rev. 0
logo
Rohm
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
   Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9007-020 AVAGO-APDS-9007-020 Datasheet
725Kb / 14P
   Ambient Light Photo Sensor with Logarithmic Current Output
APDS-9007 AVAGO-APDS-9007 Datasheet
711Kb / 14P
   Ambient Light Photo Sensor with Logarithmic Current Output
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
LV0111CF ONSEMI-LV0111CF_15 Datasheet
170Kb / 7P
   Ambient Light Sensor, Logarithmic Current Output
April 2015- Rev. 1
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com