Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCT75MNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCT75MNR2G
Description  Industry Standard Digital Temperature Sensor with 2?릛ire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT75MNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCT75MNR2G Datasheet HTML 1Page - ON Semiconductor NCT75MNR2G Datasheet HTML 2Page - ON Semiconductor NCT75MNR2G Datasheet HTML 3Page - ON Semiconductor NCT75MNR2G Datasheet HTML 4Page - ON Semiconductor NCT75MNR2G Datasheet HTML 5Page - ON Semiconductor NCT75MNR2G Datasheet HTML 6Page - ON Semiconductor NCT75MNR2G Datasheet HTML 7Page - ON Semiconductor NCT75MNR2G Datasheet HTML 8Page - ON Semiconductor NCT75MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2014 − Rev. 6
1
Publication Order Number:
NCT75/D
NCT75
Industry Standard Digital
Temperature Sensor with
2‐wire Interface
The NCT75 is a two-wire serially programmable temperature
sensor with an over-temperature/interrupt output pin to signal out of
limit conditions. This is an open-drain pin and can operate in either
comparator or interrupt mode. Temperature measurements are
converted into digital form using a high resolution (12 bit),
sigma-delta, analog-to-digital converter (ADC). The device operates
over the –55
°C to +125°C temperature range.
Communication with the NCT75 is accomplished via the
SMBus/I2C interface. Three address selection pins, A2, A1 and A0,
can be used to connect up to 8 NCT75s to a single bus. Through this
interface the NCT75s internal registers may be accessed. These
registers allow the user to read the current temperature, change the
configuration settings and adjust the temperature limits.
The NCT75 has a wide supply voltage range of 3.0 V to 5.5 V. The
average supply current is 575
mA at 3.3 V. It also offers a shutdown
mode to conserve power. The typical shutdown current is 3
mA.
The NCT75 is available in three, space saving packages – 8-lead
DFN, 8-lead Micro8
t and 8-lead SOIC and is also fully pin and
register compatible with the LM75 and TCN75.
Features
12-bit Temperature-to-Digital Converter
Input Voltage Range from 3.0 V to 5.5 V
Temperature Range from −55°C to +125°C
SMBus/I2C Interface
Overtemperature Indicator
Support for SMBus/ALERT
Shutdown Mode for Low Power Consumption
One-shot Mode
Available in 8-pin DFN, 8-pin Micro8t and SOIC Packages
These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Computer Thermal Monitoring
Thermal Protection
Isolated Sensors
Battery Management
Office Electronics
Electronic Test Equipment
Thermostat Controls
System Thermal Management
MARKING DIAGRAMS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
DFN8
CASE 506AA
75M
G
G
1
M
= Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb-Free Package
CT75
AYW
G
G
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
NCT75
ALYWX
G
1
8
SOIC8
CASE 751
Micro8
t
CASE 846A
DFN8
Micro8
t
SOIC8
PIN ASSIGNMENT
(Top View)
1
2
3
4
8
7
6
5
VDD
A0
A1
A2
SDA
SCL
OS/ALERT
GND
(Note: Microdot may be in either location)


Similar Part No. - NCT75MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT75MNR2G ONSEMI-NCT75MNR2G Datasheet
216Kb / 14P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
August, 2012 ??Rev. 3
More results

Similar Description - NCT75MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT75DR2G ONSEMI-NCT75DR2G Datasheet
216Kb / 14P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
August, 2012 ??Rev. 3
NCT375 ONSEMI-NCT375 Datasheet
191Kb / 16P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
June, 2015 ??Rev. 0
NCT275 ONSEMI-NCT275 Datasheet
191Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package with 2-wire Interface
August, 2014 - Rev. 0
NCT475 ONSEMI-NCT475 Datasheet
171Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package
June, 2015 ??Rev. 0
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com