Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JW1aHN-DC9V-F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # JW1aHN-DC9V-F
Description  power relays for power supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JW1aHN-DC9V-F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  JW1aHN-DC9V-F Datasheet HTML 1Page - Panasonic Semiconductor JW1aHN-DC9V-F Datasheet HTML 2Page - Panasonic Semiconductor JW1aHN-DC9V-F Datasheet HTML 3Page - Panasonic Semiconductor JW1aHN-DC9V-F Datasheet HTML 4Page - Panasonic Semiconductor JW1aHN-DC9V-F Datasheet HTML 5Page - Panasonic Semiconductor JW1aHN-DC9V-F Datasheet HTML 6Page - Panasonic Semiconductor JW1aHN-DC9V-F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Panasonic Corporation 2014
©
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
JW
–2–
ASCTB190E 201402-T
TYPES
* Sockets available.
RATING
1. Coil data
Note: The pick-up and drop out voltages rise approximately 0.4% for every 1
°C 33.8°F given a standard ambient temperature of 20°C 68°F. Therefore, when using relays
where the ambient temperature is high, please take into consideration the rise in pick-up and drop out voltages and keep the coil applied voltage within the maximum
applied voltage.
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
5V DC
70%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
106mA
47
530mW
130%V of
nominal voltage
(at 60
°C 140°F)
120%V of
nominal voltage
(at 85
°C 185°F)*4
6V DC
88mA
68
9V DC
58mA
155
12V DC
44mA
270
24V DC
22mA
1,100
48V DC
11mA
4,400
1) 1 Form A Standard (5A) type
Standard packing: Carton 100 pcs. Case 500 pcs.
2) 1 Form A High capacity (10 A) type
Standard packing: Carton 100 pcs. Case 500 pcs.
Nominal coil
voltage
Sealed type
Flux-resistant type
Part No.
Part No.
5V DC
JW1aSN-DC5V-F
JW1aHN-DC5V-F
6V DC
JW1aSN-DC6V-F
JW1aHN-DC6V-F
9V DC
JW1aSN-DC9V-F
JW1aHN-DC9V-F
12V DC
JW1aSN-DC12V-F
JW1aHN-DC12V-F
24V DC
JW1aSN-DC24V-F
JW1aHN-DC24V-F
48V DC
JW1aSN-DC48V-F
JW1aHN-DC48V-F
Nominal coil
voltage
Sealed type
Flux-resistant type
Part No.
Part No.
5V DC
JW1aFSN-DC5V-F
JW1aFHN-DC5V-F
6V DC
JW1aFSN-DC6V-F
JW1aFHN-DC6V-F
9V DC
JW1aFSN-DC9V-F
JW1aFHN-DC9V-F
12V DC
JW1aFSN-DC12V-F
JW1aFHN-DC12V-F
24V DC
JW1aFSN-DC24V-F
JW1aFHN-DC24V-F
48V DC
JW1aFSN-DC48V-F
JW1aFHN-DC48V-F
3) 1 Form C Standard (5A) type
Standard packing: Carton 100 pcs. Case 500 pcs.
4) 1 Form C High capacity (10 A) type
Standard packing: Carton 100 pcs. Case 500 pcs.
Nominal coil
voltage
Sealed type
Flux-resistant type
Part No.
Part No.
5V DC
JW1SN-DC5V
JW1HN-DC5V
6V DC
JW1SN-DC6V
JW1HN-DC6V
9V DC
JW1SN-DC9V
JW1HN-DC9V
12V DC
JW1SN-DC12V
JW1HN-DC12V
24V DC
JW1SN-DC24V
JW1HN-DC24V
48V DC
JW1SN-DC48V
JW1HN-DC48V
Nominal coil
voltage
Sealed type
Flux-resistant type
Part No.
Part No.
5V DC
JW1FSN-DC5V
JW1FHN-DC5V
6V DC
JW1FSN-DC6V
JW1FHN-DC6V
9V DC
JW1FSN-DC9V
JW1FHN-DC9V
12V DC
JW1FSN-DC12V
JW1FHN-DC12V
24V DC
JW1FSN-DC24V
JW1FHN-DC24V
48V DC
JW1FSN-DC48V
JW1FHN-DC48V
5) 2 Form A Standard (5A) type
Standard packing: Carton 100 pcs. Case 500 pcs.
6) 2 Form C Standard (5A) type
Standard packing: Carton 100 pcs. Case 500 pcs.
Note: Class B coil insulation type is available.
Ex) JW1aSN-B-DC12V-F
Nominal coil
voltage
Sealed type
Flux-resistant type
Part No.
Part No.
5V DC
JW2aSN-DC5V
JW2aHN-DC5V
6V DC
JW2aSN-DC6V
JW2aHN-DC6V
9V DC
JW2aSN-DC9V
JW2aHN-DC9V
12V DC
JW2aSN-DC12V
JW2aHN-DC12V
24V DC
JW2aSN-DC24V
JW2aHN-DC24V
48V DC
JW2aSN-DC48V
JW2aHN-DC48V
Nominal coil
voltage
Sealed type
Flux-resistant type
Part No.
Part No.
5V DC
JW2SN-DC5V
JW2HN-DC5V
6V DC
JW2SN-DC6V
JW2HN-DC6V
9V DC
JW2SN-DC9V
JW2HN-DC9V
12V DC
JW2SN-DC12V
JW2HN-DC12V
24V DC
JW2SN-DC24V
JW2HN-DC24V
48V DC
JW2SN-DC48V
JW2HN-DC48V


Similar Part No. - JW1aHN-DC9V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JW1AFSN-DC12V NAIS-JW1AFSN-DC12V Datasheet
166Kb / 5P
   COMPACT PC BOARD POWER RELAY
logo
Panasonic Semiconductor
JW1AFSN-DC12V PANASONIC-JW1AFSN-DC12V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
JW1AFSN-DC12V-F PANASONIC-JW1AFSN-DC12V-F Datasheet
116Kb / 6P
   Miniature package with universal Miniature package with universal
logo
Nais(Matsushita Electri...
JW1AFSN-DC18V NAIS-JW1AFSN-DC18V Datasheet
166Kb / 5P
   COMPACT PC BOARD POWER RELAY
logo
Panasonic Semiconductor
JW1AFSN-DC18V PANASONIC-JW1AFSN-DC18V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
More results

Similar Description - JW1aHN-DC9V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
logo
Omron Electronics LLC
G7Z OMRON-G7Z Datasheet
353Kb / 10P
   Power Relays
logo
Texas Instruments
TPS9103 TI1-TPS9103_09 Datasheet
364Kb / 22P
[Old version datasheet]   POWER SUPPLY FOR GAAS POWER AMPLIFIERS
logo
Murata Manufacturing Co...
MPA1967A MURATA-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1954B MURATA-PS-MPA1954B Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954G MURATA-PS-MPA1954G Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954D MURATA-PS-MPA1954D Datasheet
626Kb / 8P
   Power Supply for LED
MPA1962B MURATA-PS-MPA1962B Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967A MURATA-PS-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com