Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7260 Datasheet(PDF) 5 Page - NEC

Part # LD7260
Description  6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7260 Datasheet(HTML) 5 Page - NEC

  LD7260 Datasheet HTML 1Page - NEC LD7260 Datasheet HTML 2Page - NEC LD7260 Datasheet HTML 3Page - NEC LD7260 Datasheet HTML 4Page - NEC LD7260 Datasheet HTML 5Page - NEC LD7260 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
LD7260
DATA SHEET ET0478EJ1V0DS00


Similar Part No. - LD7260

ManufacturerPart #DatasheetDescription
logo
NEC
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
   20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
   6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
   14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
   30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
More results

Similar Description - LD7260

ManufacturerPart #DatasheetDescription
logo
NEC
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
   6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
   20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
   6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7202 NEC-LD7202 Datasheet
98Kb / 8P
   14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
   6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7237 NEC-LD7237 Datasheet
62Kb / 8P
   DBS Band, 400 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7710 NEC-LD7710 Datasheet
124Kb / 4P
   14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
   6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
   6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
   17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com