Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERG-1SJ470 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERG-1SJ470
Description  Metal (Oxide) Film Re sis tors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERG-1SJ470 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERG-1SJ470 Datasheet HTML 1Page - Panasonic Semiconductor ERG-1SJ470 Datasheet HTML 2Page - Panasonic Semiconductor ERG-1SJ470 Datasheet HTML 3Page - Panasonic Semiconductor ERG-1SJ470 Datasheet HTML 4Page - Panasonic Semiconductor ERG-1SJ470 Datasheet HTML 5Page - Panasonic Semiconductor ERG-1SJ470 Datasheet HTML 6Page - Panasonic Semiconductor ERG-1SJ470 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal (Oxide) Film Resistors
fd
fD
L
–60 –40 –20 0
20 40 60 80 100 120 140 160 180 200 220 240
0
20
40
60
80
100
120
130 °C
70 °C
–55 °C
ERG(X)12S
ERG(X)1S, 1F
ERG(X)3S, 3F
ERG(X)5S, 5F
235 °C
Ambient Temperature (°C)
ERG(X)2S, 2F
Construction
Dimensions in mm (not to scale)
Ratings
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Type
Power
Rating
at 70 °C
(W)
Limiting
Element
Voltage
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Maximum
Intermittent
Overload
Voltage
(3)
(V)
Dielectric
With-
standing
Voltage
(VAC)
Res.
Tol.
(%)
(4)
Resistance
Range (
Ω)
(5)
T.C.R.
(
×10
–6/°C)
Standard
Resistance
Value
min.
(6)
max.
ERG(X)12S
0.5
300
600
600
350
G (±2)
1
22 k
±350
E24
J (±5)
0.2
47 k
ERG(X)1S
ERG(X)1F
1
350
600
600
350
G (±2)
1
68 k
±350
E24
J (±5)
0.2
100 k
ERG(X)2S
ERG(X)2F
2
350
700
1000
600
G (±2)
1
100 k
±350
E24
J (±5)
0.22
100 k
ERG(X)3S
ERG(X)3F
3
350
700
1000
1000
G (±2)
1
100 k
±300
E24
J (±5)
0.22
100 k
ERG(X)5S
ERG(X)5F
5
500
1000
1500
1000
G (±2)
1
100 k
±200
E24
J (±5)
0.33
100 k
Type
Dimensions (mm)
Mass
(Weight)
[g/pc.]
L
0D
k
0d
ERG(X)12S 6.35
+0.65
2.3
+0.5
30.0
±3.0
0.65
±0.05
0.26
ERG(X)1S
9.00
+1.50
2.8
±0.5
30.0
±3.0
0.65
±0.05
0.33
ERG(X)1F
0.80
±0.05
ERG(X)2S
ERG(X)2F
12.00
+1.50
4.0
±1.0
30.0
±3.0
0.80
±0.05
0.66
ERG(X)3S
ERG(X)3F
15.00
±1.50
5.5
±1.0
38.0
±3.0
0.80
±0.05
1.47
ERG(X)5S
ERG(X)5F
24.00
±1.50
8.0
±1.0
38.0
±3.0
0.80
±0.05
3.54
–0.3
–0.35
–1.00
–1.00
Code Type Res.Tol. Res. Value Range Code Type Res.Tol. Res. Value Range
Z
12S
±2 % 0.1 to 0.91
Ω
Z
2S
2F
±2 % 0.1 to 0.91
Ω
±5 % 0.1 to 0.18
Ω
±5 % 0.1 to 0.2
Ω
1S
1F
±2 % 0.1 to 0.91
Ω
3S
3F
±2 % 0.1 to 0.91
Ω
±5 % 0.1 to 0.18
Ω
±5 % 0.1 to 0.2
Ω
(1) Rated Continuous Working Voltage (RCWV) shall be determined
from RCWV=
√Power Rating×Resistance Value or Limiting Element
Voltage listed above whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be de-
termined from SOTV=2.5
×Power Rating or max. Overload Voltage
listed above whichever less.
(3) Intermittent Overload Test Voltage (IOTV) shall be determined from
IOTV=4.0
×Power Rating or max. Intermittent Overload Voltage
listed above whichever less.
(4) Resistance tolerance is of use besides range listed, please inquire.
(5) Resistance Range Type ERG :
>10 Ω
Type ERX :
<9.1 Ω
(6) As for the low resistance value range, "Z" is given to the part
number. (Refer to the explanation of part numbers.)
✽ Z type is non standard resistance values.
High reliable metal oxide film (ERG)
High reliable metal plating film
(ERX)
Flame and solvent retardant
End cap
Spiralling
turns
Ceramic core
(High thermal conductivity)
Lead wire
S type : Cu wire
F type : Fe wire
(
)
Marking
Aug. 2012
01
52


Similar Part No. - ERG-1SJ470

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ271A PANASONIC-ERG-1SJ271A Datasheet
178Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
More results

Similar Description - ERG-1SJ470

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103 PANASONIC-ERG-2SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2SJ4R7V PANASONIC-ERX-2SJ4R7V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-1SJ3R3 PANASONIC-ERX-1SJ3R3 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2FJSR62E PANASONIC-ERX-2FJSR62E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-1SJ271A PANASONIC-ERG-1SJ271A Datasheet
178Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ104A PANASONIC-ERG-2SJ104A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
   Carbon Film Re sis tors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com