Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EET-HC2V102LF Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EET-HC2V102LF
Description  Alumincum Electrolytic Capacitors/HC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EET-HC2V102LF Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EET-HC2V102LF Datasheet HTML 1Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 2Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 3Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 4Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 5Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 6Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 7Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 8Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
– EEE-139 –
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
max.
(V. DC)
(μF)
(mm)
(mm)
(A r.m.s.)
(pcs)
80
1200
22
25
EETHC1K122HJ
1.50
0.25
200
1500
22
30
EETHC1K152HJ
1.70
0.25
200
25
25
EETHC1K152JJ
1.70
0.25
200
1800
22
35
EETHC1K182HJ
1.80
0.25
200
2200
22
40
EETHC1K222HJ
2.10
0.25
200
25
30
EETHC1K222JJ
2.10
0.25
200
2700
22
45
EETHC1K272HJ
2.40
0.25
200
25
35
EETHC1K272JJ
2.40
0.25
200
30
25
EETHC1K272KJ
2.40
0.25
100
3300
22
50
EETHC1K332HJ
2.60
0.25
200
25
40
EETHC1K332JJ
2.60
0.25
200
30
30
EETHC1K332KJ
2.60
0.25
100
35
25
EETHC1K332LJ
2.60
0.25
100
3900
25
45
EETHC1K392JJ
3.00
0.25
200
30
35
EETHC1K392KJ
3.00
0.25
100
4700
25
50
EETHC1K472JJ
3.30
0.25
200
30
40
EETHC1K472KJ
3.30
0.25
100
35
30
EETHC1K472LJ
3.30
0.25
100
5600
30
45
EETHC1K562KJ
3.70
0.25
100
35
35
EETHC1K562LJ
3.70
0.25
100
6800
30
50
EETHC1K682KJ
3.90
0.25
100
35
40
EETHC1K682LJ
3.90
0.25
100
8200
35
45
EETHC1K822LJ
4.30
0.25
100
100
820
22
25
EETHC2A821HJ
1.40
0.25
200
1000
22
30
EETHC2A102HJ
1.70
0.25
200
1200
22
30
EETHC2A122HJ
1.80
0.25
200
25
25
EETHC2A122JJ
1.80
0.25
200
1500
22
35
EETHC2A152HJ
2.10
0.25
200
25
30
EETHC2A152JJ
2.10
0.25
200
1800
22
40
EETHC2A182HJ
2.30
0.25
200
25
35
EETHC2A182JJ
2.30
0.25
200
30
25
EETHC2A182KJ
2.30
0.25
100
2200
25
40
EETHC2A222JJ
2.60
0.25
200
30
30
EETHC2A222KJ
2.60
0.25
100
35
25
EETHC2A222LJ
2.60
0.25
100
2700
25
45
EETHC2A272JJ
2.90
0.25
200
30
35
EETHC2A272KJ
2.90
0.25
100
3300
25
50
EETHC2A332JJ
3.20
0.25
200
30
40
EETHC2A332KJ
3.20
0.25
100
35
30
EETHC2A332LJ
3.20
0.25
100
3900
30
45
EETHC2A392KJ
3.60
0.25
100
35
35
EETHC2A392LJ
3.60
0.25
100
4700
30
50
EETHC2A472KJ
3.80
0.25
100
35
40
EETHC2A472LJ
3.80
0.25
100
5600
35
45
EETHC2A562LJ
4.10
0.25
100
✽When capacitors of 035×45L and 035×50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Endurance : 105 °C 2000 h
01 Sep. 2013
Discontinued


Similar Part No. - EET-HC2V102LF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
EET-HC2C182JA PANASONIC-EET-HC2C182JA Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2C222LA PANASONIC-EET-HC2C222LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EET-HC2E182LF PANASONIC-EET-HC2E182LF Datasheet
180Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2E471CA PANASONIC-EET-HC2E471CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
More results

Similar Description - EET-HC2V102LF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2E182LF PANASONIC-EET-HC2E182LF Datasheet
180Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2C182JA PANASONIC-EET-HC2C182JA Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC0J470R PANASONIC-EEE-HC0J470R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC1V221P PANASONIC-EEE-HC1V221P Datasheet
109Kb / 3P
   Aluminum Electrolytic Capacitors/ HC
EEEHC0J220R PANASONIC-EEEHC0J220R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors HC
EEE-HC1C100R PANASONIC-EEE-HC1C100R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
logo
Nichicon corporation
UPW1H101MPD NICHICON-UPW1H101MPD Datasheet
83Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPJ1J390MED NICHICON-UPJ1J390MED Datasheet
106Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWX1V100MCL1GB NICHICON-UWX1V100MCL1GB Datasheet
43Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UHE1E471MPD NICHICON-UHE1E471MPD Datasheet
468Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com