Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQU2A152 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQU2A152
Description  Metallized Polyester Film Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU2A152 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQU2A152 Datasheet HTML 1Page - Panasonic Semiconductor ECQU2A152 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC79−
Plastic Film Capacitors
■Dimensions in mm (not to scale)
■Rating & Dimensions
● Capacitance tolerance : ±10 %(K), ±20 %(M)
L
±0.5
T
±0.5
F
±0.4
Solder-plated copper-clad steel wire
Cut lead
(Suffix A)
d
±0.05
Q
P(Lead location limits from center)
+1.4
- 0.6
( )
C
( )
A
( )
B
Note:only ±10 % as cap. tol. be marked as“K”.
STYLE
A side
B side
C side
2
0.0082
μF
to 0.047
μF
3
0.056
μF
to 1.0
μF
4
1.2
μF
to 2.2
μF
1
0.0010
μF to
0.0068
μF
.068
μF K
Marking Example
275 V
∼ 
.1.5
μF
K
275 V
.001
μF K
.033
μF K
250 V
ECQUL
40/100/21
275 V
∼Y2/X2
132400
V
DE
GMF
MKT
ECQUL
40/100/21
275 V
∼X2
250 V
ECQUL
40/100/21
GMF
MKT
V
DE
132400
250 V
X2
ECQUL
40/100/21
GMF
MKT
V
DE
132400
250 V
X2
1283
8X
132400
V
DE
GMF
MKT
Note
Date Code.
*≧1.2
μF ±1.0
STYLE
(A)side
(B)side
2
0.0082
μF to
1.0
μF
3
1.2
μF to 2.2 μF
1
0.0010
μF to
0.0068
μF
.0082
μF K
Marking Example
1.5
μF K
.001
μF K
Note:only ±10 % as cap. tol. be marked as“K”.Note
Date Code.
ECQUL
275V
X2/Y2
ECQUL
275V
X2
ECQUL
275V
X2
8X
250V
Dimensions (mm)
Min. order Q'ty
LT
H
F
φdP
Q
Cap.
(µF)
Part No.
ECQU2A102
□L( )
0.0010
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A122
□L( )
0.0012
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A152
□L( )
0.0015
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A182
□L( )
0.0018
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A222
□L( )
0.0022
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A272
□L( )
0.0027
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A332
□L( )
0.0033
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A392
□L( )
0.0039
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A472
□L( )
0.0047
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A562
□L( )
0.0056
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A682
□L( )
0.0068
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A822
□L( )
0.0082
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A103
□L( )
0.010
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A123
□L( )
0.012
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A153
□L( )
0.015
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A183
□L( )
0.018
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A223
□L( )
0.022
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A273
□L( )
0.027
15.0
5.0
11.5
12.5
0.60
0
±0.5
1.3
ECQU2A333
□L( )
0.033
15.0
6.0
13.0
12.5
0.60
0
±0.5
1.3
ECQU2A393
□L( )
0.039
15.0
6.0
13.0
12.5
0.60
0
±0.5
1.3
ECQU2A473
□L( )
0.047
15.0
6.0
13.0
12.5
0.60
0
±0.5
1.3
ECQU2A563
□L( )
0.056
17.5
4.5
11.5
15.0
0.60
0
±0.5
1.3
ECQU2A683
□L( )
0.068
17.5
4.5
11.5
15.0
0.60
0
±0.5
1.3
ECQU2A823
□L( )
0.082
17.5
5.5
12.0
15.0
0.60
0
±0.5
1.3
ECQU2A104
□L( )
0.10
17.5
5.5
12.0
15.0
0.60
0
±0.5
1.3
ECQU2A124
□L( )
0.12
17.5
6.5
14.5
15.0
0.60
0
±0.5
1.3
ECQU2A154
□L( )
0.15
17.5
6.5
14.5
15.0
0.60
0
±0.5
1.3
ECQU2A184
□L( )
0.18
17.5
8.0
16.0
15.0
0.60
0
±0.5
1.3
ECQU2A224
□L( )
0.22
17.5
8.0
16.0
15.0
0.60
0
±0.5
1.3
ECQU2A274
□L( )
0.27
17.5
9.5
17.5
15.0
0.80
0
±0.5
1.3
ECQU2A334
□L( )
0.33
17.5
9.5
17.5
15.0
0.80
0
±0.5
1.3
ECQU2A394
□L( )
0.39
25.5
8.5
17.5
22.5
0.80
0
±0.75
1.5
ECQU2A474
□L( )
0.47
25.5
8.5
17.5
22.5
0.80
0
±0.75
1.5
ECQU2A564
□L( )
0.56
25.5
10.5
19.5
22.5
0.80
0
±0.75
1.5
ECQU2A684
□L( )
0.68
25.5
10.5
19.5
22.5
0.80
0
±0.75
1.5
ECQU2A824
□L( )
0.82
25.5
12.0
22.0
22.5
0.80
0
±0.75
1.5
ECQU2A105
□L( )
1.0
25.5
12.0
22.0
22.5
0.80
0
±0.75
1.5
ECQU2A125
□L( )
1.2
30.5
16.5
26.0
27.5
0.80
0
±0.75
1.5
ECQU2A155
□L( )
1.5
30.5
16.5
26.0
27.5
0.80
0
±0.75
1.5
ECQU2A185
□L( )
1.8
30.5
19.0
29.5
27.5
0.80
0
±0.75
1.5
ECQU2A225
□L( )
2.2
30.5
19.0
29.5
27.5
0.80
0
±0.75
1.5
500
Suffix for lead form
Cap. tol. code
↑↑
英語版カタログ P50_81 14.2.6 15:50 ページ 79


Similar Part No. - ECQU2A152

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU2A152 PANASONIC-ECQU2A152 Datasheet
83Kb / 2P
   Interference Suppression Capacitor
ECQU2A152 PANASONIC-ECQU2A152 Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQU2A152 PANASONIC-ECQU2A152 Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
ECQU2A152 PANASONIC-ECQU2A152 Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQU2A152 PANASONIC-ECQU2A152 Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQU2A152

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com