Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5229 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5229
Description  Mixed Signal Microcontroller
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5229 Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5229 Datasheet HTML 1Page - Texas Instruments MSP430F5229 Datasheet HTML 2Page - Texas Instruments MSP430F5229 Datasheet HTML 3Page - Texas Instruments MSP430F5229 Datasheet HTML 4Page - Texas Instruments MSP430F5229 Datasheet HTML 5Page - Texas Instruments MSP430F5229 Datasheet HTML 6Page - Texas Instruments MSP430F5229 Datasheet HTML 7Page - Texas Instruments MSP430F5229 Datasheet HTML 8Page - Texas Instruments MSP430F5229 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 114 page
background image
MSP430F5229, MSP430F5227, MSP430F5224, MSP430F5222
MSP430F5219, MSP430F5217, MSP430F5214, MSP430F5212
SLAS718D – NOVEMBER 2012 – REVISED OCTOBER 2013
www.ti.com
Three Channel Internal DMA
For Design Guidelines, See Designing With
MSP430F522x Devices (SLAA558)
Basic Timer With Real-Time Clock (RTC)
Feature
APPLICATIONS
Table 1 Summarizes Available Family
Analog and Digital Sensor Systems
Members
Data Loggers
For Complete Module Descriptions, See the
MSP430x5xx and MSP430x6xx Family User's
General-Purpose Applications
Guide (SLAU208)
DESCRIPTION
The Texas Instruments MSP430™ family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with extensive low-
power modes, is optimized to achieve extended battery life in portable measurement applications. The device
features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows the device to wake up from low-power modes to active
mode in 3.5 µs (typical).
The MSP430F522x series are microcontroller configurations with four 16-bit timers, a high-performance 10-bit
analog-to-digital converter (ADC), two universal serial communication interfaces (USCIs), a hardware multiplier,
DMA, a comparator, and a real-time clock (RTC) module with alarm capabilities. The MSP430F521x series
include all of the peripherals of the MSP430F522x series with the exception of the ADC. All devices have a split
I/O supply system that allows for a seamless interface to other devices that have a nominal 1.8-V I/O interface
without the need for external level translation.
Typical applications include analog and digital sensor systems, data loggers, and various general-purpose
applications.
Table 1 summarizes the available family members.
Table 1. Family Members(1)(2)
USCI
Flash
SRAM
ADC10_A
Comp_B
I/O
I/O
Package
Channel A:
Channel B:
Device
Timer_A(3) Timer_B(4)
(KB)
(KB)
(Ch)
(Ch)
DVCC(5)
DVIO(6)
Type
UART, IrDA,
SPI, I2C
SPI
64 RGC
10 ext,
MSP430F5229
128
8
5, 3, 3
7
2
2
8
22
31
64 YFF
2 int
80 ZQE
64 RGC
10 ext,
MSP430F5227
64
8
5, 3, 3
7
2
2
8
22
31
64 YFF
2 int
80 ZQE
MSP430F5224
128
8
5, 3, 3
7
2
2
8 ext, 2 int
6
20
17
48 RGZ
MSP430F5222
64
8
5, 3, 3
7
2
2
8 ext, 2 int
6
20
17
48 RGZ
64 RGC
MSP430F5219
128
8
5, 3, 3
7
2
2
-
8
22
31
64 YFF
80 ZQE
64 RGC
MSP430F5217
64
8
5, 3, 3
7
2
2
-
8
22
31
64 YFF
80 ZQE
MSP430F5214
128
8
5, 3, 3
7
2
2
-
6
20
17
48 RGZ
MSP430F5212
64
8
5, 3, 3
7
2
2
-
6
20
17
48 RGZ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/packaging.
(3)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(4)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(5)
All of these I/O reside on a single voltage rail supplied by DVCC.
(6)
All of these I/O reside on a single voltage rail supplied by DVIO.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: MSP430F5229 MSP430F5227 MSP430F5224 MSP430F5222 MSP430F5219 MSP430F5217
MSP430F5214 MSP430F5212


Similar Part No. - MSP430F5229

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5229 TI1-MSP430F5229 Datasheet
2Mb / 121P
[Old version datasheet]   MSP430F522x and MSP430F521x Mixed-Signal Microcontrollers
MSP430F5229IRGCR TI1-MSP430F5229IRGCR Datasheet
2Mb / 122P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5229IRGCT TI1-MSP430F5229IRGCT Datasheet
2Mb / 122P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5229IYFFR TI1-MSP430F5229IYFFR Datasheet
2Mb / 122P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5229IYFFT TI1-MSP430F5229IYFFT Datasheet
2Mb / 122P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5229

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com