Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JW1AFSN-DC12V-F Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # JW1AFSN-DC12V-F
Description  Miniature package with universal Miniature package with universal
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JW1AFSN-DC12V-F Datasheet(HTML) 5 Page - Panasonic Semiconductor

  JW1AFSN-DC12V-F Datasheet HTML 1Page - Panasonic Semiconductor JW1AFSN-DC12V-F Datasheet HTML 2Page - Panasonic Semiconductor JW1AFSN-DC12V-F Datasheet HTML 3Page - Panasonic Semiconductor JW1AFSN-DC12V-F Datasheet HTML 4Page - Panasonic Semiconductor JW1AFSN-DC12V-F Datasheet HTML 5Page - Panasonic Semiconductor JW1AFSN-DC12V-F Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JW
ASCTB190E 201210-T
DIMENSIONS (mm inch)
JW 2 Form C Standard (5 A) type
1. Maximum operating power
2. Operate/release time
Sample: JW2SN-DC12V-F, 6 pcs.
Ambient temperature: 20
°C 68°F
10
10
100
1,000
1
0
Contact voltage, V
AC resistive load (cos
ϕ = 1.0)
9
8
7
6
5
4
3
2
1
0
80
90
100
110
120
130
Max.
Coil applied voltage, %V
Operate time
Release time
Min.
Max.
Min.
Max.
x-
x-
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
JW 1 Form A
External dimensions
0.5
0.3
0.3
0.4
12.8
7.6
1.1
2.4
3.5
0.9
28.6
20
20
3.6
.020
.012
.012
.016
.504
.299
.043
.094
.138
.035
1.126
.787
.787
.142
Wiring diagram (Bottom view)
Note: Terminal numbers are not indicated
on the relay.
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
COM
N.O.
Coil
4
6
1
8
Relay outline
12.8
.504
7.6
.299
20.0
.787
2.4
.094
4-1.5
dia.
4-.059
dia.
3.5
.138
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch
less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
JW 1 Form C
External dimensions
20
.787
0.4
.016
3.6
.142
0.5
.020
0.3
0.5
.012
.020
0.3
.012
1.1
.043
2.4
.094
3.5
.138
3.5
.138
16.5
.650
28.6
1.128
0.8
.031
7.6
.299
12.8
.504
Wiring diagram (Bottom view)
Note: Terminal numbers are not indicated
on the relay.
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
COM
N.C.
N.O.
Coil
4
26
18
Relay outline
16.5
.650
3.5
.138
3.5
.138
2.4
.094
7.6
.299
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch
less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012


Similar Part No. - JW1AFSN-DC12V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JW1AFSN-DC12V NAIS-JW1AFSN-DC12V Datasheet
166Kb / 5P
   COMPACT PC BOARD POWER RELAY
logo
Panasonic Semiconductor
JW1AFSN-DC12V PANASONIC-JW1AFSN-DC12V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
More results

Similar Description - JW1AFSN-DC12V-F

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6895-10 HAMAMATSU-L6895-10 Datasheet
193Kb / 2P
   High-power LED with miniature package
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
Total Power Internation...
MFU100 TOTAL-POWER-MFU100 Datasheet
381Kb / 4P
   Miniature DIP-Package with Industry Standard Pinout
MBU100 TOTAL-POWER-MBU100_17 Datasheet
479Kb / 4P
   Miniature SIP-Package with Industry Standard Pinout
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
   MINIATURE SIP PACKAGE
logo
Golledge Electronics Lt...
GSX-8A GOLLEDGE-GSX-8A Datasheet
552Kb / 4P
   Two Pad SM Crystal with Miniature Ceramic Package
logo
Hamamatsu Corporation
L6895-10 HAMAMATSU-L6895-10_06 Datasheet
181Kb / 2P
   Infrared LED High-power LED with miniature package
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRBS-3WR2 RSG-WRBS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRFS-3WR2 RSG-WRFS-3WR2 Datasheet
658Kb / 7P
   Ultra-Miniature SIP Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com