Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GE1117A50 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GE1117A50
Description  1 A L O W D R O P O U T P O S I T I V E R E G U L AT O R
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GE1117A50 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GE1117A50 Datasheet HTML 1Page - E-Tech Electronics LTD GE1117A50 Datasheet HTML 2Page - E-Tech Electronics LTD GE1117A50 Datasheet HTML 3Page - E-Tech Electronics LTD GE1117A50 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GE1117A50
Page: 1/4
ISSUED DATE :2005/02/16
REVISED DATE :2006/09/13C
G
G E
E 11111177 A
A5500
11 A
A L
L O
O W
W D
D R
R O
O P
P O
O U
U T
T P
P O
O S
S II T
T II V
V E
E R
R E
E G
G U
U L
L A
A T
T O
O R
R
Description
The GE1117A50 is a low dropout at positive fixed-mode regulator with minimum of 1A output current capability.
The product is specifically designed to provide well-regulated supply for low voltage IC applications such as
high -speed bus termination and low current logic supply. GE1117A50 is also well suited for other applications
such as VGA cards .GE1117A50 is guaranteed to have lower than 1.4V dropout at full load current making it
ideal to provide well-regulated outputs 5.0V with 6.4V to 15V input supply.
Features
&1.4Vmaximum dropout full load current
&Fast transient response
&Output current limiting
&Built-in thermal shutdown
&Good noise rejection
Applications
&PC peripheral
&Communication
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c1
1.25
1.45
b
0.76
1.00
b1
1.17
1.47
c
0.36
0.50
L
13.25
14.25
D
8.60
9.00
e
2.54 REF.
E
9.80
10.4
L1
2.60
2.89
L4
14.7
15.3
Ø
3.71
3.96
L5
6.20
6.60
A1
2.60
2.80
Typical Circuit
Block Diagram
3
1
2


Similar Part No. - GE1117A50

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
More results

Similar Description - GE1117A50

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GE1147-50 ETL-GE1147-50 Datasheet
243Kb / 4P
   1 A L O W D R O P O U T P O S I T I V E R E G U L AT O R
GSS1120 ETL-GSS1120 Datasheet
276Kb / 3P
   D u a l 1 A L o w D r o p o u t P o s i t i v e R e g u l a t o r
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GE2138 ETL-GE2138 Datasheet
424Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GE2148 ETL-GE2148 Datasheet
424Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2148 ETL-GL2148 Datasheet
442Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GJ2148 ETL-GJ2148 Datasheet
430Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com