Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GE1084-2.5 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GE1084-2.5
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GE1084-2.5 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GE1084-2.5 Datasheet HTML 1Page - E-Tech Electronics LTD GE1084-2.5 Datasheet HTML 2Page - E-Tech Electronics LTD GE1084-2.5 Datasheet HTML 3Page - E-Tech Electronics LTD GE1084-2.5 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GE1084
Page: 2/4
ISSUED DATE :2003/08/01
REVISED DATE :2006/03/29D
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 ~ + 150
:
TOP
Operating Junction Temperature Range
0 ~ + 150
:
Electrical Characteristics
Symbol
Parameter
Conditions(Notes)
MIN
TYP
MAX
UNIT
VREF
GE1084ADJ
Io=10mA, Tj=25 : , (Vin-Vout )=1.5V
1.225
1.250
1.275
V
GE1084-1.5
Io=10mA, Tj=25 ,
: 3.0V Vin 12V
1.470
1.500
1.530
V
GE1084-1.8
Io=10mA, Tj=25 ,
: 3.3V Vin 12V
1.764
1.800
1.836
V
GE1084-2.5
Io=10mA, Tj=25 ,
: 4.0V Vin 12V
2.450
2.500
2.550
V
GE1084-3.3
Io=10mA, Tj=25 ,
: 4.8V Vin 12V
3.235
3.300
3.365
V
Output Voltage
GE1084-5.0
Io=10mA, Tj=25 ,
: 6.5V Vin 12V
4.900
5.000
5.100
V
Line Regulation
GE1084XXX
Io=10mA, Vout+1.5V<Vin<12V, Tj=25 :
-
-
0.2
%
GE1084ADJ
Vin=3.3V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
-
1
%
GE1084-1.5
Vin=3.0V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
12
15
mV
GE1084-1.8
Vin=3.3V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
15
18
mV
GE1084-2.5
Vin=4.0V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
20
25
mV
GE1084-3.3
Vin=5.0V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
26
33
mV
Load Regulation
GE1084-5.0
Vin=8.0V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
40
50
mV
Vo
Dropout Voltage
Io=5.0A( Vout=1% Vout)
-
1.4
1.5
V
ILIM
Current Limit
Vin-Vout=5V
5.1
-
-
A
IMIN
Minimum Load Current
Vin=5V (adjustable model)
-
5
10
mA
IADJ
Adjust Pin Current
Vin=12V, Io=10mA
-
55
100
uA
IQ
Quiescent Current
Vin=12V, Io=0mA (fixed model)
-
-
12
mA
Temperature Stability
Io=10mA
-
0.5
-
%
JA
Thermal Resistance
Junction-to-Ambient(No
heat sink ;No air flow)
-
83
-
/w
:
JC
Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
0.65/2.7
-
/w
:
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured
at a constant junction Temperature by low duty cycle pulse testing .Load regulation is measured at the output lead =1/18” from the
package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
difference between input and output and the output current .Guaranteed maximum power dissipation will not be available over the
full input/output range.


Similar Part No. - GE1084-2.5

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - GE1084-2.5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com