Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GE1085-ADJ Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GE1085-ADJ
Description  3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GE1085-ADJ Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GE1085-ADJ Datasheet HTML 1Page - E-Tech Electronics LTD GE1085-ADJ Datasheet HTML 2Page - E-Tech Electronics LTD GE1085-ADJ Datasheet HTML 3Page - E-Tech Electronics LTD GE1085-ADJ Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GE1085
Page: 3/4
ISSUED DATE :2005/06/01
REVISED DATE :2006/06/01B
Functional Description
Introduction
The GE1085 adjustable or fixed-mode Low Dropout (LDO) regulator is a 3 terminal device which can easily be
programmed by internal mask change to any voltage within the range of 1.25 to Vin-1.4V. The GE1085 only needs 1.4V
differential between Vin and Vout to maintain output regulation, in addition, the output voltage tolerances are also extremely
tight and they include the transient response as port of the specification. For example, Intel VRE specification calls for a
total of ±100mV including initial tolerance, load regulation and 0 to 3A load step. The GE1085 is specifically designed to
meet the fast current transient needs as well as providing an accurate initial voltage, reducing the overall system cost with
the need for fewer output capacitors.
Load Regulation
Since the GE1085 is only a 3 terminal device, it is not possible to provide true remote sensing of the output voltage at the
load. But it can supply good load regulation by internal feedback bypass the external loss such as adjustable mode.
Stability
The GE1085 requires the use of an output capacitor as part of the frequency compensation in order to make the regulator
stable .For most applications a minimum of 10uF aluminum electrolytic capacitor insures both stability and good transient
response.
Thermal Design
The GE1085 incorporates an internal shutdown that protects the device when the junction temperature exceeds the
maximum allowable junction temperatures. Although this device can operate with junction temperatures in the range of
150 : , it is recommended that the selected heat sink be chosen such that during maximum continuous load operation the
junction temperature is kept below the temperature.
Layout Consideration
The output capacitors must be located as close to the Vout terminal of the device as possible .It is recommended to use a
section of a layer of the PC board as a plane to connect the Vout pin to the output capacitors to prevent any high frequency
oscillation that may result due to excessive trace inductance.


Similar Part No. - GE1085-ADJ

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - GE1085-ADJ

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1085LM SECOS-S3U1085LM Datasheet
622Kb / 5P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1085 GTM-GJ1085 Datasheet
224Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1085 SECOS-S3U1085 Datasheet
632Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1085 GTM-G3U1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com