Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C150X025KCT Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # C150X025KCT
Description  Thermal Transfer Component Labels
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C150X025KCT Datasheet(HTML) 3 Page - PANDUIT CORP.

  C150X025KCT Datasheet HTML 1Page - PANDUIT CORP. C150X025KCT Datasheet HTML 2Page - PANDUIT CORP. C150X025KCT Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power Connectors
E1.
Labeling Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Thermal Transfer Component Labels (continued)
Order number of labels required in multiples of Std. Pkg. Qty.
Use with Panduit thermal transfer ribbons.
Labels roll mounted on 3.00" cores; when using the TDP43MY printer and 3.00" cores, the roll stand (TDP43M-RS) is required.
mm
In.
mm
In.
Std.
Ctn.
Qty.
Std.
Pkg.
Qty.
Height
Width
Part Description
Part Number
C125X038YJT
White, polyester label.
1.25
31.8
0.38
9.7
10000
20000
C150X025KBT
White, polyimide label.
1.50
38.1
0.25
6.4
5000
20000
C150X025KCT
Tan, polyimide label.
1.50
38.1
0.25
6.4
5000
20000
C150X050YJT
White, polyester label.
1.50
38.1
0.50
12.7
5000
20000
C150X075YJT
White, polyester label.
1.50
38.1
0.75
19.1
5000
20000
C150X075YMT
Silver, polyester label..
1.50
38.1
0.75
19.1
5000
20000
C150X075CBT
White, vinyl cloth label..
1.50
38.1
0.75
19.1
5000
20000
C160X020CBT
White, vinyl cloth label.
1.60
40.6
0.20
5.1
10000
40000
C160X020KBT
White, polyimide label.
1.60
40.6
0.20
5.1
10000
40000
C160X020KCT
Tan, polyimide label.
1.60
40.6
0.20
5.1
10000
40000
C160X020YJT
White, polyester label.
1.60
40.6
0.20
5.1
10000
40000
C200X025KBT
White, polyimide label.
2.00
50.8
0.25
6.4
5000
20000
C200X025KCT
Tan, polyimide label.
2.00
50.8
0.25
6.4
5000
20000
C200X025YJT
White, polyester label.
2.00
50.8
0.25
6.4
5000
20000
C200X038YJT
White, polyester label.
2.00
50.8
0.38
9.7
5000
20000
C200X038KBT
White, polyimide label.
2.00
50.8
0.38
9.7
5000
20000
C200X050CBT
White, vinyl cloth label.
2.00
50.8
0.50
12.7
5000
20000
C200X050YJT
White, polyester label.
2.00
50.8
0.50
12.7
5000
20000
C200X100YJT
White, polyester label.
2.00
50.8
1.00
25.4
2500
10000
C200X100YKT
Clear, polyester label.
2.00
50.8
1.00
25.4
2500
10000
C200X100YMT
Silver, polyester label.
2.00
50.8
1.00
25.4
2500
10000
C275X125YMT
Silver, polyester label.
2.75
69.9
1.25
31.8
2500
10000
C275X125YJT
White, polyester label.
2.75
69.9
1.25
31.8
2500
10000
C275X125YMT
Silver, polyester label.
2.75
69.9
1.25
31.8
2500
10000
C300X025KBT
White, polyimide label.
3.00
76.2
0.25
6.4
5000
20000
C300X025KCT
Tan, polyimide label.
3.00
76.2
0.25
6.4
5000
20000
C300X025YJT
White, polyester label.
3.00
76.2
0.25
6.4
5000
20000
C300X038YJT
White, polyester label.
3.00
76.2
0.38
9.7
5000
20000
C300X100YJT
White, polyester label.
3.00
76.2
1.00
25.4
2500
10000
C300X100YMT
Silver, polyester label.
3.00
76.2
1.00
25.4
2500
10000
C300X200YJT
White, polyester label.
3.00
76.2
2.00
50.8
1000
4000
C300X200YMT
Silver, polyester label.
3.00
76.2
2.00
50.8
1000
4000
C400X100CBT
White, vinyl cloth label.
4.00
101.6
1.00
25.4
2500
10000
C400X100YJT
White, polyester label.
4.00
101.6
1.00
25.4
2500
10000
C400X200YJT
White, polyester label.
4.00
101.6
2.00
50.8
1000
4000
C400X200YMT
Silver, polyester label..
4.00
101.6
2.00
50.8
1000
4000
C400X300YJT
White, polyester label..
4.00
101.6
3.00
76.2
2500
10000
C400X400YJT
White, polyester label.
4.00
101.6
4.00
101.6
1000
4000
C400X600PBT
White, paper label.
4.00
101.6
6.00
152.4
1000
4000
C400X600YJT
White, polyester label.
4.00
101.6
6.00
152.4
1000
4000


Similar Part No. - C150X025KCT

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C150X075YJC PANDUIT-C150X075YJC Datasheet
64Kb / 2P
   P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
C150X075YJD PANDUIT-C150X075YJD Datasheet
43Kb / 1P
   OPTIMUM C150X075Y JD COMPUTER PRINTABLE LABELS
9-29-04
More results

Similar Description - C150X025KCT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1654227 MACOM-1654227 Datasheet
2Mb / 48P
   Thermal Transfer
logo
List of Unclassifed Man...
R6011 ETC2-R6011 Datasheet
496Kb / 1P
   Thermal Transfer Print Ribbons
logo
PANDUIT CORP.
RHR4BL-S PANDUIT-RHR4BL-S Datasheet
104Kb / 2P
   Thermal Transfer Resin Ribbon
logo
HellermannTyton.
TAG6T1-100B HELLERMANNTYTON-TAG6T1-100B Datasheet
368Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 2.0 x 1.0 x 3.75, 1 Across, VL, White, 1000/roll
2022
TAG3T3-100B HELLERMANNTYTON-TAG3T3-100B Datasheet
366Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 1.0 x 1.0 x 3.75, 3 Across, VL, White, 3000/roll
2022
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
logo
PANDUIT CORP.
C060X020YJC PANDUIT-C060X020YJC Datasheet
64Kb / 2P
   P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
logo
HellermannTyton.
TAG22T3-100B HELLERMANNTYTON-TAG22T3-100B Datasheet
366Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 1.0 x .5 x 1.43, 3 Across, VL, White, 5000/roll
2022
TAG9T3-100B HELLERMANNTYTON-TAG9T3-100B Datasheet
366Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 1.0 x .75 x 2.25, 3 Across, VL, White, 5000/roll
2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com