Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G431 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # G431
Description  A d j u s t a b l e S h u n t R e g u l a t o r
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G431 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  G431 Datasheet HTML 1Page - E-Tech Electronics LTD G431 Datasheet HTML 2Page - E-Tech Electronics LTD G431 Datasheet HTML 3Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
ISSUED DATE :2003/05/15
REVISED DATE :2004/11/10B
G
G 443311
A
A d
d jj u
u ss tt aa b
b ll ee S
S h
h u
u n
n tt R
R ee g
g u
u ll aa tt o
o rr
Description
The G431 series are three-terminal adjustable regulators with guaranteed thermal stability over applicable temperature ranges.
The output voltage may be set to any value between VREF (approximately 2.495v) and 36v with two external resistors.
It provides very wide applications, including shunt regulator, series regulator, switching regulator, voltage reference and others.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-65 ~ +150
Cathode Voltage
VKA
37
V
Cathode Current Range(Continuous)
IKA
-100~+150
mA
Reference Input Current Range
IREF
-0.05~+10
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Parameter
Symbol
Min
Typ.
Max.
Unit
Test Conditions
Cathode Voltage
VKA
VREF
-
36
V
Cathode Current
IKA
1
-
100
mA
Reference Input Voltage
G431C
2.445
2.495
2.545
G431B
2.470
2.495
2.520
VKA= VREF,IK=10mA
G431A
VREF
2.483
2.495
2.507
V
Deviation of reference Input Voltage
VKA=VREF,IK=10mA
Over temperature(note)
VREF/ T
-
4.5
17
mV
Tmin Ta Tmax
Ratio of Change in Reference Input
-
-1.0
-2.7
VKA=10V~VREF
Voltage to the Change in Cathode Voltage
VREF/ VKA
-
-0.5
-2.0
mV/V IK=10mA
VKA=36V~10V
Reference Input Current
IREF
-
1.5
4
uA
IK=10mA,R1=10K ,R2=
Deviation of reference Input Current
IK=10mA,R1=10K ,R2=
Over Full Temperature Range
IREF/ T
-
0.4
1.2
uA
TA=Full Temperature
Minimum Cathode Current for Regulation
IKA(min)
-
0.45
1.0
mA
VKA=VREF
Off-State Cathode Current
IKA(off)
-
0.05
1.0
uA
VKA=36V,VREF=0
Dynamic Impedance
‡ZkA
-
0.15
0.5
VKA=VREF,IK=1 to 100mA,F 1.0KHz
Note: Tmin= 0 ,Tmax=+70


Similar Part No. - G431

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G431 GTM-G431 Datasheet
282Kb / 3P
   Adjustable Shunt Regulator
logo
Microsemi Corporation
G43100B1EB1S MICROSEMI-G43100B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G43100B1EN1S MICROSEMI-G43100B1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G43100C1EB1S MICROSEMI-G43100C1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G43100C1EN1S MICROSEMI-G43100C1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - G431

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G431M ETL-G431M Datasheet
294Kb / 3P
   A d j u s t a b l e S h u n t R e g u l a t o r
G432 ETL-G432 Datasheet
295Kb / 5P
   A d j u s t a b l e S h u n t R e g u l a t o r
GM432 ETL-GM432 Datasheet
326Kb / 5P
   A d j u s t a b l e S h u n t R e g u l a t o r
GM431 ETL-GM431 Datasheet
307Kb / 3P
   A d j u s t a b l e S h u n t R e g u l a t o r
GTL431 ETL-GTL431 Datasheet
226Kb / 3P
   A d j u s t a b l e S h u n t R e g u l a t o r
GTL432 ETL-GTL432 Datasheet
253Kb / 5P
   A d j u s t a b l e S h u n t R e g u l a t o r
GELM317 ETL-GELM317 Datasheet
288Kb / 4P
   3 - T E R M I N A L 1 A P O S I T I V E A D J U S T A B L E V O L T A G E R E G U L AT O R
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com