Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5M2163 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # G5M2163
Description  C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G5M2163 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  G5M2163 Datasheet HTML 1Page - E-Tech Electronics LTD G5M2163 Datasheet HTML 2Page - E-Tech Electronics LTD G5M2163 Datasheet HTML 3Page - E-Tech Electronics LTD G5M2163 Datasheet HTML 4Page - E-Tech Electronics LTD G5M2163 Datasheet HTML 5Page - E-Tech Electronics LTD G5M2163 Datasheet HTML 6Page - E-Tech Electronics LTD G5M2163 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
ISSUED DATE :2005/04/29
REVISED DATE :
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
I
nput Max Voltage
VIN
8
V
Output Current
IOUT
PD/( VIN- VO)
mA
Output Voltage
VOUT
1.5~5.0
V
Operating Ambient Temperature
Topr
-40 ~ +85
:
Junction Temperature
Tj
-40 ~ +125
Maximum Junction Temperature
Tj Max
150
jc
38
: /W
Thermal Resistance
ja
180
: /W
Power Dissipation( T=100 : )
PD
550
mW
EDS Classification
B
Electrical Characteristics Ta=25
unless otherwise noted
Parameter
Symbol
Condition
Min
TYP
Max
Unit
VIN=VOUT(T)+2V, IO=1mA
-1.5%
1.5%
V
Output Voltage
VOUT(E)
(Note1)
VIN=VOUT(T)+2V, IO=300mA
-2.5%
VOUT(T)
(Note2)
2.5%
V
Output Current
IO
VIN=VOUT(T)+2V, VOUT VOUT(E)*0.96
300
-
-
mA
Current Limit
ILIM
VIN=VOUT(T)+2V, VO>1.2V
300
450
-
mA
Load Regulation
REGLOAD
VIN=VOUT(T)+2V, IO=1mA to 300mA
-1
0.2
1
%
1.2V VOUT(T) 2.0V
-
-
1300
2.0V<VOUT(T) 2.8V
-
-
400
Dropout Voltage
VDROPOUT
IO
=300mA
VO=VOUT(E)-2%
2.8V<VOUT(T)
-
-
300
mV
Quiescent Current
IQ
VIN= VOUT(T)+1V, IO=0mA
-
30
50
A
Ground Pin Current
IGND
VIN= VOUT(T)+2V, IO=1mA~300mA
-
35
-
A
1.2V VOUT(T) 1.4V
-0.2
-
0.2
1.4V<VOUT(T) 2.0V
-0.15
-
0.15
2.0V<VOUT(T)<4 `ˆØ -0.1
0.02
0.1
Line Regulation
REGLINE
IO
=1mA
VIN=VOUT(T)+1 to
VOUT(T)+2
4.0V VOUT(T)
-0.4
0.2
0.4
%
I
nput Voltage
VIN
Note3
-
7
V
Over Temperature Shutdown
OTS
-
150
-
:
Over Temperature Hysterisis
OTH
-
30
-
:
Output Voltage
Temperature Coefficient
TC
-
30
-
ppm/ :
Short Circuit Current(Note4)
ISC
VIN=VOUT(T)+1V, VOUT<0.8V
-
150
300
mA
f=100Hz
-
60
-
f=1kHz
-
50
-
Power Supply Rejection
PSRR
I
o=100mA
Co=2.2 F
f=10kHz
-
20
-
dB
Output Voltage Noise
eN
f=10Hz~100kHz
I
o=10mA
Co=2.2 F
-
30
-
Vrms
VEH
VIN=2.7V to 7V
2.0
-
VIN
V
EN Input Threshold
VEL
VIN=2.7V to 7V
0
-
0.4
V
IEH
VEN=VIN, VIN=2.7V to 7V
-
-
0.1
A
EN Input Bias Current
IEL
VEN= 0V, VIN=2.7V to 7V
-
-
0.5
A
Shutdown Supply Current
ISD
VIN=5V, VO=0V, VEN<VEL
-
0.5
1
A
Shutdown Output Voltage
VO,SD
I
o=0.4mA, VEN<VEL
0
-
0.4
V
Note 1: VOUT (E) =Effective Output Voltage (i.e. the output voltage when “VOUT (T) + 2.0V” is provided at the VIN pin while maintaining a
certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT
4: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be applied before
a current source load is applied.


Similar Part No. - G5M2163

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5M2163 GTM-G5M2163 Datasheet
545Kb / 7P
   CMOS Positive Voltage Regulator
More results

Similar Description - G5M2163

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2163 ETL-GQ2163 Datasheet
560Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62VP ETL-G62VP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123 ETL-G2123 Datasheet
346Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com