Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5E1284-XX Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # G5E1284-XX
Description  4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G5E1284-XX Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  G5E1284-XX Datasheet HTML 1Page - E-Tech Electronics LTD G5E1284-XX Datasheet HTML 2Page - E-Tech Electronics LTD G5E1284-XX Datasheet HTML 3Page - E-Tech Electronics LTD G5E1284-XX Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G5E1284
Page: 1/4
ISSUED DATE :2005/05/24
REVISED DATE :2006/03/29B
G
G 55E
E 11228844
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Description
The G5E1284 is 4A regulator with extremely low dropout voltage. This product is specifically designed to
provide well regulated supply for applications requiring 2.8V or lower voltages from 3.3V ATX power supplies
where high efficiency of the switch can be achieved without the cost and complexity associated with switching
regulator. One such application is the new graphic chipsets that requires anywhere from 2.4V to 2.7V supply.
Features
&0.7V maximum dropout voltage at 4A load current
&Built-in thermal shutdown
&Output current limiting
&Adjustable or fixed output voltage 1.5V,1.8V,2.5V,3.3V,5.0V
&Fast transient response
&Good noise rejection
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
L5
6.20
6.60
b
0.76
1.00
c1
1.25
1.45
c
0.36
0.50
L
13.25
14.25
D
8.60
9.00
e
1.70 REF.
E
9.80
10.4
L1
2.60
2.89
L4
14.7
15.3
Ø
3.71
3.96
Typical Application
Block Diagram
Pin Descriptions
Name
I/O
Description
Adj (Gnd)
A resistor divider from this pin to the Vout pin and ground sets the output voltage. (Gnd only for fixed mode)
Vsense
I
The pin is the positive side of the reference that allows remote load sensing to achieve excellent load
regulation. A minimum of 10uF capacitor must be connected from this pin to ground to insure stability.
Vin
I
The input pin of regulator. Typically a large storage capacitor is connected from this pin to ground to insure
that the input voltage does not sag below the minimum dropout voltage during the load transient response.
This pin must always be higher than Vout in order for the device to regulate.
Vctrl
I
This pin is the supply pin for the internal control circuit as well as the base drive for the pass transistor. This
pin must always by higher than the Vout pin in order the device to regulate. A minimum of 100uF capacitor
must be connected from this pin to ground to insure stability.
Vout
O
The output of the regulator. A minimum of 100uF capacitor must be connected from this pin to ground to
insure stability.
G5E1284-25


Similar Part No. - G5E1284-XX

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results

Similar Description - G5E1284-XX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com