Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPL.75-S8-X Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CPL.75-S8-X
Description  Bundle Retainers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CPL.75-S8-X Datasheet(HTML) 1 Page - PANDUIT CORP.

  CPL.75-S8-X Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Bundle Retainers
• Funnel entry allows fast cable insertion
• Completed bundles can be easily removed
• For indoor use only
• Color: Black
Corner Posts
• Designed to pre-form tight bundles at harness corners
and breakouts
• Top arm rotates upward for easy removal of completed harness
• For indoor use only
T-Junction Fixture
• Forms cable junctions
• Fixture moves down for easy harness removal
• For indoor use only
Part Number
Max. Bundle
Diameter
Material
Color
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
TJF-X
1.34
34.0
Nylon 6.6 and Nickel
Plated Steel
Black
Nail
10
100
A
B
C
D
E
(Dia)
1.88
(47.8)
1.18
(30.0)
1.35
(34.4) .90
(22.9)
1.60
(40.8)
.172 (4.4) Dia. Hole
1.11
(28.2)
.56
(14.2)
.88
(22.4)
1.52
(38.6)
.172 (4.4) Dia. Hole
1.08
(27.4)
CPH
CPL
A
.44
(11.2)
.78
(19.8)
A
2.56
(65.0)
2.18
(55.4)
2.50
(63.5)
A
2.25
(57.2)
BR.5 and BR.75
BR2
BR2-1.3
Part Number
Max. Bundle
Diameter
Standoff
Height
A
Material
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
BR.5-E6-C
0.50
12.7
1.07
27.2
Impact
Resistant
Nylon 6.6
Two #6 (M3) Screws
100
500
BR.75-E6-C
0.75
19.0
0.95
24.1
100
500
BR2-1.3-X
2.00
50.8
1.32
33.5
Glass
Filled
Nylon 6.6
Two 1/4" (M6) Screws
10
10
BR2-1.3-A-X
2.00
50.8
1.35
34.3
Rubber Adhesive Tape
10
10
BR2-1.5-X
2.00
50.8
1.59
40.4
Two 1/4" (M6) Screws
10
10
BR2-4-X
2.00
50.8
4.06
103.1
10
10
BR2-6-X
2.00
50.8
6.02
152.9
10
10
Part Number
Max. Bundle
Diameter
Material
Color
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
CPH.75-S8-X
.75
19.0
Nylon
6.6
Black
Two #8 (M4) Screws
10
100
CPL.75-S8-X


Similar Part No. - CPL.75-S8-X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CPL LINEAGEPOWER-CPL Datasheet
722Kb / 16P
   48V DC Critical Power Solution
logo
Vishay Siliconix
CPL VISHAY-CPL Datasheet
108Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead, Low Value
Revision: 10-May-11
logo
Eaton All Rights Reserv...
CPL EATON-CPL Datasheet
872Kb / 6P
   Multi-phase power inductors
CPL-2-50TR-R EATON-CPL-2-50TR-R Datasheet
872Kb / 6P
   Multi-phase power inductors
logo
Mini-Circuits
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
   Bi-Directional Coupler
More results

Similar Description - CPL.75-S8-X

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD44102SKB ZMD-ZMD44102SKB Datasheet
147Kb / 1P
   Starter Kit Bundle
logo
PANDUIT CORP.
BR2-4X PANDUIT-BR2-4X Datasheet
69Kb / 2P
   BR2 BUNDLE RETAINER
logo
List of Unclassifed Man...
ULTIMAKER-S5 ETC-ULTIMAKER-S5 Datasheet
892Kb / 2P
   Ultimaker S5 Pro Bundle
EN 05/2021 v1.03
logo
CONEC Elektronische Bau...
16-505750 CONEC-16-505750 Datasheet
179Kb / 1P
   MALE SCREW RETAINERS FOR METALL-SHELL CONNECTORS
26.10.11
logo
Keysight Technologies
W1467BP KEYSIGHT-W1467BP Datasheet
3Mb / 6P
    SystemVue Array Architect Bundle
logo
PANDUIT CORP.
WBS6-Q PANDUIT-WBS6-Q Datasheet
38Kb / 2P
   Bundle and secure wire cable
logo
Freescale Semiconductor...
RDMMA865X FREESCALE-RDMMA865X Datasheet
576Kb / 1P
   Sensor Toolbox Bundle for MMA865xFC Acceleromters
logo
PANDUIT CORP.
SICH25-C PANDUIT-SICH25-C Datasheet
82Kb / 1P
   Clip around bundle to hold securely in place
logo
List of Unclassifed Man...
TM3S10-C ETC-TM3S10-C Datasheet
64Kb / 2P
   Unique cradle design provides maximum stability for cable bundle
logo
Harwin Plc
M80-5T10405MC HARWIN-M80-5T10405MC Datasheet
163Kb / 1P
   DATAMATE J-TEK DIL VERT 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com