Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULTRABLOK Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ULTRABLOK
Description  Direct Plug-In Isobar Surge Protector with 2 outlets and Black All-Metal Housing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULTRABLOK Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ULTRABLOK Datasheet HTML 1Page - List of Unclassifed Manufacturers ULTRABLOK Datasheet HTML 2Page - List of Unclassifed Manufacturers ULTRABLOK Datasheet HTML 3Page - List of Unclassifed Manufacturers ULTRABLOK Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Direct Plug-In Isobar Surge Protector with 2 outlets
and Black All-Metal Housing
MODEL NUMBER: ULTRABLOK
Description
For more than 20 years, America's leading companies have trusted Tripp Lite's Isobar Premium surge and noise
suppressors to protect sensitive computer, networking and telecom equipment. With more than 18 million
satisfied customers, the ISOBAR remains the world's #1 selling premium surge suppressor. Loaded with a
generous combination of high-quality components, near indestructible all-metal case and unique noise filtration
system, Isobars offer the highest levels of protection. Robust surge suppression circuits with sine wave tracking
offer extreme levels of protection against the heaviest surge conditions. Isobar's unique protection system
combines large torroidal chokes, HF/VHF capacitors and multiple metal oxide varistors that remove high-level
surges and EMI/RFI interference. The ULTRABLOK offers 2 outlets arranged with standard wall socket spacing
in a cordless direct plug-in format. Mounting tabs allow permanent connection via duplex switch plate screw.
Surge suppression rated at 1410 joules/48,000 amps offers high-grade protection. Diagnostic LEDs confirm
power availability, line fault and protection status. $10,000 Ultimate Lifetime connected equipment Insurance (USA and Canada Only). PLUG/OUTLETS: Input
- NEMA 5-15P; Output - 2 NEMA5-15R ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA 5-15R wall receptacle) SUPPRESSION: AC: 140V RMS
Clamping/1410 joules/48,000 amps FORMAT: Direct plug-in, receptacle mount form factor
Features
Tripp Lite's ISOBAR is the world's number one selling premium suppressor series with more than 18 million satisfied customers and a safety-tested
history of 20+ years.
2 outlets with a direct plug-in design
Surge energy absorption: 1410 joules/48,000 amps
Diagnostic LEDs indicate "protection present" (green), "grounded" (red) and "line ok" (green)
EMI/RFI noise filtering
All-metal housing
$10,000 Ultimate Lifetime Insurance (USA and Canada Only) covers connected equipment
Specifications
Highlights
2 outlets/direct plug-in design
1410 joule rating—more joules
mean more protection!
Black all-metal housing with
diagnostic LEDs
Isolated filter banks remove
damaging line noise
$10,000 Insurance for connected
equipment (USA & Canada only)
Lifetime warranty
Applications
Ideal for premium AC protection
for personal computers with
peripherals, network and
CAD/CAM/CAE workstations,
internetworking accessories,
telecommunications systems,
point of sale equipment,
audio/video and home theater
systems in any home, office or
industrial application.
Package Includes
ULTRABLOK premium surge
suppressor
Instruction manual and warranty
information
1 / 3


Similar Part No. - ULTRABLOK

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
ULTRA-HARD-METAL-SAWS ACCRETECH-ULTRA-HARD-METAL-SAWS Datasheet
479Kb / 2P
   Ultra-hard metal saw that does not allow burring on the edge through the cutting of the variety of metal substrate
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
logo
Trenz Electronic
ULTRA96 TRENZ-ULTRA96 Datasheet
1Mb / 17P
   TEP0006 is an Ultra96 LS Expansion to Pmod adapter.
Revision v.24
logo
List of Unclassifed Man...
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
More results

Similar Description - ULTRABLOK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOBAR6ULTRAHG ETC2-ISOBAR6ULTRAHG Datasheet
515Kb / 5P
   Isobar Hospital Surge Protector with 6 Hospital-Grade Outlets and All-Metal Housing
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
ISOBAR6ULTRA ETC2-ISOBAR6ULTRA Datasheet
500Kb / 5P
   6-Outlet Isobar Surge Protector with 6-ft Cord and All-Metal Housing
ISOBAR8ULTRA ETC2-ISOBAR8ULTRA Datasheet
491Kb / 5P
   8-Outlet Premium Isobar Surge Protector with 12-ft Cord and All-Metal Housing
ISOBAR12ULTRA ETC2-ISOBAR12ULTRA Datasheet
486Kb / 5P
   12-Outlet Isobar Rackmount Surge Protector with 15-ft Cord and All-Metal Housing
ISOBAR4ULTRA ETC2-ISOBAR4ULTRA Datasheet
496Kb / 5P
   4 outlets, 6ft cord, 3330 joules, All-metal housing with LEDs - Isobar Surge Suppressor
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
   2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
TRAVELER ETC2-TRAVELER Datasheet
484Kb / 4P
   2 AC outlets, direct plug-in surge suppressor with modem/fax surge protection
ISOTEL8ULTRA ETC2-ISOTEL8ULTRA Datasheet
500Kb / 5P
   8-outlets, 12-ft cord, 3840 joule, RJ11 protection, All metal housing Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
ISOBAR8ULTRA TRIPPLITE-ISOBAR8ULTRA Datasheet
177Kb / 4P
   Isobar 8-Outlet Surge Protector, 12 ft. Cord with Right-Angle Plug, 3840 Joules, Diagnostic LEDs, Metal Housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com