Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C10804 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C10804
Description  1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10804 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C10804 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C10804 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10804 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10804 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10804 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10804 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10804 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8822G
10/07/09
Pin Description
Pin Name
Description
BUF_IN
Input
CLK [0:3]
Outputs
GND
Ground
VDD
Power
OE
Output Enable
1
2
3
4
CLK1
VDD
GND
CLK3
8
7
6
5
BUF_IN
CLK0
OE
CLK2
Pin Configuration
Block Diagram
Features
• High-speed, low-noise, non-inverting 1:4 buffer
• Maximum Frequency up to 180 MHz
• Low output skew < 70ps (1.8V, 2.5V), <100ps (1.5V)
• Low propagation delay < 3.0ns (1.8V, 2.5V), <3.5ns (1.5V)
• Optimized duty cycle
• 1.5V - 2.5V supply voltage
• 3.3V Tolerant input clock
• Packages (Pb-free & Green available):
−8-pin SOIC (W)
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804
Description
The PI6C10804 is a 1.5V to 2.5V high-speed, low-noise
1:4 non-inverting clock buffer. The key goal in designing the
PI6C10804 is to target networking applications that require low-
skew, low-jitter, and high-frequency clock distribution.
Providing output-to-output skew as low as 70ps, the PI6C10804
is an ideal clock distribution device for synchronous systems. De-
signing synchronous networking systems requires a tight level of
skew from a large number of outputs.
CLK2
CLK1
CLK0
BUF_IN
CLK3
OE
09-0056


Similar Part No. - PI6C10804

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10804WE PERICOM-PI6C10804WE Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10804WE PERICOM-PI6C10804WE Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804_09 Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
More results

Similar Description - PI6C10804

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804_09 Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6CL10804 PERICOM-PI6CL10804 Datasheet
557Kb / 6P
   1.2V/1.5V, 200MHz, 1:4 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
logo
ON Semiconductor
NB6HQ14M ONSEMI-NB6HQ14M Datasheet
1Mb / 11P
   2.5V 5GHz / 6.5Gbps Differential Input to 1.8V / 2.5V 1:4 CML Clock / Data Fanout Buffer
June, 2009 ??Rev. 0
NB7HQ14M ONSEMI-NB7HQ14M Datasheet
1Mb / 10P
   2.5V 7GHz / 10Gbps Differential Input to 1.8V / 2.5V 1:4 CML Clock / Data Fanout Buffer
May, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com