Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA0700NL Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # PA0700NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0700NL Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  PA0700NL Datasheet HTML 1Page - Pulse A Technitrol Company PA0700NL Datasheet HTML 2Page - Pulse A Technitrol Company PA0700NL Datasheet HTML 3Page - Pulse A Technitrol Company PA0700NL Datasheet HTML 4Page - Pulse A Technitrol Company PA0700NL Datasheet HTML 5Page - Pulse A Technitrol Company PA0700NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
108
SPM2007 (11/07)
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
EFD Platforms - EFD15, EFD20 and EFD25
Schematics
5
1
4
3
7
6
9
8
Primary
21-56v
15v/11A
PA0302
Primary
Auxiliary
4
5
2T
10
9
7
6
PA0397
8T
3
2
5T
1
4T
4
2
Primary
12v
3
5
6
+48v/1.5A
10
12
7
9
PA0700
1
NOTE: Pins 9 and 10 to be
connected on customer PCB
EFD 25
+3.3v/10A
2
4
1
6
11
3
8
12
7
5
36-75v
+2.2v/.05A
PB2089
NOTE: Pins 2 & 3 and Pins 4 & 5 to be
connected on customer PCB
9
10
36-75v
+12v/3A
1
3
4
6
10
11
12
7
8
9
-12v/1A
PB2041
NOTE: Pins 12 & 11, Pins 9 & 10, and Pins
3 & 4 to be connected on customer PCB
PB2042
1
12
4
6
10
11
9
NOTE: Pins 2, 3 & 4 and Pins 9, 10 & 11 to
be connected on customer PCB
-12v/1A
3
2
+12v/3A
7
15v Primary Side
Aux Winding
Primary
31-57v
Bias
10.2v/0.02A
PB2157
1
3
2
4
5
6
+3.7v/3.5A
12
11
10
9
8
7
+3.3v/3.5A
1
3
4
5
8
10
11
9
PB2134
NOTE: Pins 10 & 11, Pins 8 & 9 to be
connected on customer PCB
36-57v
200kHz
12v/0.1A
EFD 20
(continued)


Similar Part No. - PA0700NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA0700NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com