Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K22X-A15S-NR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K22X-A15S-NR
Description  Right Angle PCB Mount 0.318 Footprint
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K22X-A15S-NR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K22X-A15S-NR Datasheet HTML 1Page - List of Unclassifed Manufacturers K22X-A15S-NR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
Series
K22X
- D-Subminiature Connector, Right Angle
Shell Size-Contact Option
E - 9 Contacts
A - 15 Contacts
B - 25 Contacts
C - 37 Contacts
Contact Type
P
- Pin Contact (Plug)
S
- Socket Contact (Receptacle)
Mounting Option
N - With Boardlocks and #4-40 UNC Threaded Inserts
NJ - With Boardlocks and # 4-40 Jackscrews Installed
NR - With Boardlocks and #4-40 Round Jackscrews
NT - With Boardlocks and Non-Threaded Inserts
NJM - With Boardlocks and Metric Jackscrews Installed
Plating Option
Blank -
Gold Flash
15 -
15µ” Gold
30 -
30µ” Gold
Generated Part Number
Part Number Builder
Series
Shell Size
Contact
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
D-SUBMINIATURE CONNECTORS:
K22X
Series
Right Angle PCB Mount 0.318“ Footprint
K22X
Series Dimensions
Dimensions in mm
Contact
Type
Contact Kycon for Other Options
Mounting
Option
8.36 Plug Interior,
7.90 Socket Exterior
6.1 Plug,
5.8 Socket
A, A1
B
C
A = Exterior of Female Shell (S)
A1 = Interior of Male Shell (P)
9
(E)
15
(A)
25
(B)
37
(C)
A
±.010
±0.25
.643
16.33
.971
24.66
1.511
38.38
2.159
54.84
A1
±.010
±0.25
.666
16.92
.994
25.25
1.534
38.96
2.182
55.42
B
±.005
±0.13
.984
24.99
1.312
33.32
1.852
47.04
2.500
63.50
C
±.015
±0.38
1.213
30.81
1.541
39.14
2.088
53.04
2.729
69.32
Shell
Size
In
mm
Plating
Option
LR78160
K22X-E9P-N
E9
K22X
P
N
K22X-E9P-N
K22X
P
E9
N


Similar Part No. - K22X-A15S-NR

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
K22X-A15S-N KYCON-K22X-A15S-N Datasheet
667Kb / 1P
   D-SUBMINIATURE CONNECTORS
K22X-A15S-N-30 KYCON-K22X-A15S-N-30 Datasheet
667Kb / 1P
   D-SUBMINIATURE CONNECTORS
K22X-A15S-NJ KYCON-K22X-A15S-NJ Datasheet
667Kb / 1P
   D-SUBMINIATURE CONNECTORS
K22X-A15S-NJ-30 KYCON-K22X-A15S-NJ-30 Datasheet
667Kb / 1P
   D-SUBMINIATURE CONNECTORS
More results

Similar Description - K22X-A15S-NR

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
K61X KYCON-K61X Datasheet
722Kb / 1P
   High Density Right Angle PCB Mount Compact Footprint
logo
Adam Technologies, Inc.
DXXX-SL-24-EMI ADAM-TECH-DXXX-SL-24-EMI Datasheet
112Kb / 1P
   D-SUB RIGHT ANGLE FEMALE FOOTPRINT PCB
logo
Kycon, Inc.
K66X KYCON-K66X Datasheet
2Mb / 1P
   Right Angle PCB Mount
logo
EDAC, All Rights Reserv...
J6A028862N00112 EDAC-J6A028862N00112 Datasheet
93Kb / 1P
   J6A Series,2 PORT RJ45, RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
J6A028862P00112 EDAC-J6A028862P00112 Datasheet
93Kb / 1P
   J6A Series,2 PORT RJ45, RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
J6A028832P00112 EDAC-J6A028832P00112 Datasheet
93Kb / 1P
   J6A Series,2 PORT RJ45, RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
J6A028892P00112 EDAC-J6A028892P00112 Datasheet
93Kb / 1P
   J6A Series,2 PORT RJ45, RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
J6A-SERIES EDAC-J6A-SERIES Datasheet
183Kb / 1P
   J6A Series 2 PORT RJ45, RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
J6A028822N00112 EDAC-J6A028822N00112 Datasheet
92Kb / 1P
   J6A Series,2 PORT RJ45, RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
J6A028892N00112 EDAC-J6A028892N00112 Datasheet
93Kb / 1P
   J6A Series,2 PORT RJ45, RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com