Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN2N3507 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # JAN2N3507
Description  Screening and processing per MIL-PRF-19500
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

JAN2N3507 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  JAN2N3507 Datasheet HTML 1Page - Semicoa Semiconductor JAN2N3507 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. E
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N3507
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 100 µA
80
Volts
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10 mA
50
Volts
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 10 µA
5
Volts
Collector-Emitter Cutoff Current
ICEX1
VCE = 60 Volts, VEB = 4 Volts
1
µA
Collector-Emitter Cutoff Current
ICEX2
VCE = 60 Volts, VEB = 4 Volts,
TA = 150°C
1.5
mA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
hFE5
IC = 500 mA, VCE = 1 Volts
IC = 1.5 A, VCE = 2 Volts
IC = 2.5 A, VCE = 3 Volts
IC = 3.0 A, VCE = 5 Volts
IC = 500 mA, VCE = 1 Volts
TA = -55°C
35
30
25
20
17
175
150
Base-Emitter Saturation Voltage
VBEsat1
VBEsat2
VBEsat3
IC = 500 mA, IB = 50 mA
IC = 1.5 A, IB = 150 mA
IC = 2.5 A, IB = 250 mA
0.5
1.0
1.5
Volts
Collector-Emitter Saturation Voltage
VCEsat1
VCEsat2
VCEsat3
IC = 500 mA, IB = 50 mA
IC = 1.5 A, IB = 150 mA
IC = 2.5 A, IB = 250 mA
0.8
1.0
1.3
2.0
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 5 Volts, IC = 100 mA,
f = 20 MHz
3
15
Open Circuit Output Capacitance
COBO
VCB = 10 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
40
pF
Open Circuit Input Capacitance
CIBO
VEB = 3 Volts, IC = 0 mA,
100 kHZ < f < 1 MHz
300
pF
Delay Time
td
IC = 1.5 A, IB1 = 150 mA
15
ns
Rise Time
tr
IC = 1.5 A, IB1 = 150 mA
30
ns
Switching Characteristics
Storage Time
ts
IC = 1.5 A, IB1=IB2 = 150 mA
55
ns
Fall Time
tf
IC = 1.5 A, IB1=IB2 = 150 mA
35
ns
Copyright
 2010
SEMICOA Corporation


Similar Part No. - JAN2N3507

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N3500 MICROSEMI-JAN2N3500 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
JAN2N3500L MICROSEMI-JAN2N3500L Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
JAN2N3501 MICROSEMI-JAN2N3501 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
JAN2N3501L MICROSEMI-JAN2N3501L Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
   RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
More results

Similar Description - JAN2N3507

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JAN1N3064 MICROSEMI-JAN1N3064 Datasheet
90Kb / 1P
   1N3064 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/144
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com