Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

242409B93000 Datasheet(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Part # 242409B93000
Description  Product Process Change
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

242409B93000 Datasheet(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  242409B93000 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 242409B93000 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation 242409B93000 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation 242409B93000 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FOR MORE INFORMATION, VISIT OUR WEB SITE: WWW. AAVIDTHERMALLOY.COM
TEL: (603) 224-9988
STANDARD THERMAL SOLUTIONS
FOR VICOR DC/DC CONVERTERS
Aavid Thermalloy heat sinks are designed for engineers
seeking a complete off-the-shelf cooling solution for
Vicor style converters. Unlike other converter heat sinks,
Aavid designs feature crosscut fins to allow efficient
cooling with airflow in any direction. This reduces com-
ponent count since the same heatsink can be used on
a variety of board layouts. In addition, all heat sinks are
ready for mounting with interface material pre-applied
which streamlines procurement and assembly.
APPLICATION NEED:
• Fits Vicor modules
• Omni-directional configuration
• Simple assembly
FEATURES AND BENEFITS:
• Models available to cool Mini, Maxi and Micro DC/DC
converters as well as previous generation VI series
• Pin fin array allows heatsink to be mounted
in either transverse or longitudinal fin orientations
• High performance Q-padTM interface pad saves
time and optional hardware kit provides the
complete solution under a single part number
Heat Sinks for
Vicor DC/DC Converters
RoHS
Compliant
Optional Hardware Kit:
Six 4-40 screws with captive lock washer individually bagged
Use code 03 in the 11th & 12th digit
Example: 242209B93603G
Hardware Kit included
Part Number
Package
Mounting
242409B93000G
Micro
Thru-hole
242209B93000G
Mini,VI-J00
Thru-hole
242209B93600G
Mini,VI-J00
Threaded
242109B93000G
Maxi,VI-200
Thru-hole
242109B93600G
Maxi,VI-200
Threaded
ORDERING INFORMATION:
Vicor, Maxi, Mini, Micro, VI, VI-200, VI-J00 are trademarks of Vicor Corporation
Q-pad is a registered trademark of the Bergquist Company


Similar Part No. - 242409B93000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
24240590 PHOENIX-24240590 Datasheet
56Kb / 3P
   Disposable pen, non-refillable - P-PEN
09/11/2020
24240590 PHOENIX-24240590 Datasheet
62Kb / 3P
   Marker pen - CMS-PEN 0,35
09/12/2020
24240590 PHOENIX-24240590 Datasheet
53Kb / 3P
   Marker pen - CMS-DISPOSABLE-PEN 0,25 TR
09/12/2020
24240590 PHOENIX-24240590 Datasheet
53Kb / 3P
   Marker pen - CMS-DISPOSABLE-PEN 0,35 TR
09/12/2020
More results

Similar Description - 242409B93000

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
241202B91200 AAVID-241202B91200 Datasheet
235Kb / 2P
   Product Process Change
341600F00000G AAVID-341600F00000G Datasheet
497Kb / 2P
   Product Process Change
PCN001476-042987 AAVID-PCN001476-042987 Datasheet
39Kb / 2P
   Product Process Change
PCN017628-033580 AAVID-PCN017628-033580 Datasheet
38Kb / 2P
   Product Process Change
PCN002132-041538 AAVID-PCN002132-041538 Datasheet
39Kb / 2P
   Product Process Change
PCN002238-042261 AAVID-PCN002238-042261 Datasheet
55Kb / 2P
   Product Process Change
PCN002329-042819 AAVID-PCN002329-042819 Datasheet
55Kb / 2P
   Product Process Change
PCN017339-041550 AAVID-PCN017339-041550 Datasheet
39Kb / 2P
   Product Process Change
PCN017357 AAVID-PCN017357 Datasheet
56Kb / 2P
   Product Process Change
PCN17357 AAVID-PCN17357 Datasheet
56Kb / 2P
   Product Process Change
PCN017380-041726 AAVID-PCN017380-041726 Datasheet
55Kb / 2P
   Product Process Change
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com