Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB566AK Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SB566AK
Description  Silicon PNP Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB566AK Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SB566AK Datasheet HTML 1Page - Hitachi Semiconductor 2SB566AK Datasheet HTML 2Page - Hitachi Semiconductor 2SB566AK Datasheet HTML 3Page - Hitachi Semiconductor 2SB566AK Datasheet HTML 4Page - Hitachi Semiconductor 2SB566AK Datasheet HTML 5Page - Hitachi Semiconductor 2SB566AK Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0.5
± 0.1
2.54
± 0.5
0.76
± 0.1
10.16
± 0.2
2.54
± 0.5
1.26
± 0.15
4.44
± 0.2
2.7 MAX
1.5 MAX
11.5 MAX
9.5
8.0
φ 3.6 +0.1
-0.08
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TO-220AB
Conforms
Conforms
1.8 g
Unit: mm


Similar Part No. - 2SB566AK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SB566AK RENESAS-2SB566AK Datasheet
147Kb / 7P
   Silicon PNP Triple Diffused
More results

Similar Description - 2SB566AK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB859 HITACHI-2SB859 Datasheet
32Kb / 5P
   Silicon PNP Triple Diffused
2SB955 HITACHI-2SB955 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
List of Unclassifed Man...
2SA755 ETC-2SA755 Datasheet
40Kb / 1P
   SILICON PNP TRIPLE DIFFUSED
logo
Hitachi Semiconductor
2SB1032 HITACHI-2SB1032 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1091 HITACHI-2SB1091 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB1399 HITACHI-2SB1399 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1494 HITACHI-2SB1494 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
Renesas Technology Corp
2SB1530 RENESAS-2SB1530 Datasheet
147Kb / 7P
   Silicon PNP Triple Diffused
logo
Hitachi Semiconductor
2SB1389 HITACHI-2SB1389 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB1079 HITACHI-2SB1079 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com