Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMART1500RM2U Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMART1500RM2U
Description  SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500RM2U Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART1500RM2U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Secondary form factor
Tower (requires 2-9USTAND)
UPS / Power Module weight (lbs)
46.5
UPS / Power Module weight (kg)
21.1
UPS Shipping dimensions (height x
width x depth / inches)
8.5 x 23.4 x 19.9
UPS Shipping dimensions (height x
width x depth / cm)
21.6 x 59.4 x 50.5
Shipping weight (lbs)
57.6
Shipping weight (kg)
26.2
Cooling method
Fan
UPS housing material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
267
AC mode efficiency rating (100%
load)
95%
COMMUNICATIONS
Communications interface
USB; DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network monitoring port description
Supports detailed monitoring of UPS and site power conditions
PowerAlert software
Included
Communications cable
USB and DB9 cabling included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
Low voltage transfer to battery
power (setpoint)
83
High voltage transfer to battery
power (setpoint)
147
SPECIAL FEATURES
Grounding lug
Back panel grounding lug
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
High availability UPS features
Hot swappable batteries
4 / 6


Similar Part No. - SMART1500RM2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500RM2U TRIPPLITE-SMART1500RM2U Datasheet
507Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack, LCD,USB, DB9 Serial
SMART1500RM2UL TRIPPLITE-SMART1500RM2UL Datasheet
172Kb / 6P
   SmartPro UPS, Lithium Battery Backup - 120V 1500VA / 1440W Line Interactive, 2U, Sine Wave, LCD
SMART1500RM2UN TRIPPLITE-SMART1500RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1500RM2U TRIPPLITE-SMART1500RM2U_15 Datasheet
507Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack, LCD,USB, DB9 Serial
More results

Similar Description - SMART1500RM2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMART1500RMXL2UA ETC2-SMART1500RMXL2UA Datasheet
518Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART5000TEL3U ETC2-SMART5000TEL3U Datasheet
521Kb / 6P
   SmartPro 5kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, 3U Rack/Tower, USB
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
SMART1000RM2U ETC2-SMART1000RM2U Datasheet
516Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART1500CRMXL ETC2-SMART1500CRMXL Datasheet
500Kb / 7P
   SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
   SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
logo
Tripp Lite. All Rights ...
SMC15002URM TRIPPLITE-SMC15002URM Datasheet
186Kb / 6P
   SmartPro 120V 1.5kVA 1kW Line-Interactive Sine Wave UPS, 2U Rack/Tower, LCD, USB, DB9, 8 Outlets
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com