Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNIVS1500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OMNIVS1500
Description  OmniVS Series 1500VA Line-Interactive Tower 120V UPS with USB port
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OMNIVS1500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OMNIVS1500 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMNIVS1500 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMNIVS1500 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMNIVS1500 Datasheet HTML 4Page - List of Unclassifed Manufacturers OMNIVS1500 Datasheet HTML 5Page - List of Unclassifed Manufacturers OMNIVS1500 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1500
Output kVA capacity (kVA)
1.5
Output Watt Capacity (watts)
940
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-18%, +8%
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
8 5-15R outlet(s)
Surge suppression only outlets
5 UPS outlets, 3 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
4 min. (940w)
Half load runtime (minutes)
8.5 min. (470w)
DC system voltage (VDC)
24
Battery recharge rate (included
batteries)
Less than 4 hours from 10% to 90%
Replacement battery cartridge
(internal UPS battery replacement)
RBC51 (quantity 2)
Battery Access
Battery access door
2 / 5


Similar Part No. - OMNIVS1500

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIVS1500LCD TRIPPLITE-OMNIVS1500LCD Datasheet
175Kb / 5P
   1440VA 900W Line-Interactive UPS - 8 NEMA 5-15R Outlets, AVR, 120V, 50/60 Hz, USB, Serial, LCD, Tower
logo
List of Unclassifed Man...
OMNIVS1500XL ETC2-OMNIVS1500XL Datasheet
501Kb / 6P
   OmniVS Series 1500VA Tower Line-Interactive 120V UPS with USB port and Extended-run options
logo
Tripp Lite. All Rights ...
OMNIVS1500XLCD TRIPPLITE-OMNIVS1500XLCD Datasheet
176Kb / 5P
   1440VA 940W Line-Interactive UPS - 8 NEMA 5-15R Outlets, AVR, USB, Serial, LCD, Extended Run, Tower
OMNIVS1500XLTAA TRIPPLITE-OMNIVS1500XLTAA Datasheet
498Kb / 5P
   TAA-Compliant OmniVS 120V 1500VA 940W Line-Interactive UPS, Extended Run, Tower, USB port
OMNIVS1500XL TRIPPLITE-OMNIVS1500XL_15 Datasheet
498Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port
More results

Similar Description - OMNIVS1500

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIVS1500 TRIPPLITE-OMNIVS1500_15 Datasheet
510Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Tower, USB port
OMNIVS1500XL TRIPPLITE-OMNIVS1500XL_15 Datasheet
498Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port
logo
List of Unclassifed Man...
OMNIVS1500XL ETC2-OMNIVS1500XL Datasheet
501Kb / 6P
   OmniVS Series 1500VA Tower Line-Interactive 120V UPS with USB port and Extended-run options
OMNIVS800 ETC2-OMNIVS800 Datasheet
497Kb / 6P
   OmniVS Series 800VA Tower Line-Interactive 120V UPS with USB port
OMNIVS1000 ETC2-OMNIVS1000 Datasheet
489Kb / 5P
   OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1000 TRIPPLITE-OMNIVS1000 Datasheet
491Kb / 5P
   OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
OMNIVS1500XLTAA TRIPPLITE-OMNIVS1500XLTAA Datasheet
498Kb / 5P
   TAA-Compliant OmniVS 120V 1500VA 940W Line-Interactive UPS, Extended Run, Tower, USB port
OMNIVS800 TRIPPLITE-OMNIVS800_15 Datasheet
495Kb / 5P
   OmniVS 120V 800VA 475W Line-Interactive UPS,Tower, USB port
OMNIVS1000 TRIPPLITE-OMNIVS1000_15 Datasheet
492Kb / 5P
   OmniVS 120V 1000VA 500W Line-Interactive UPS,Tower, USB port
OMNIVS1000TAA TRIPPLITE-OMNIVS1000TAA Datasheet
522Kb / 5P
   TAA-Compliant OmniVS 120V 1000VA 500W Line-Interactive UPS, Tower, USB port
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com