Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q2016LH6 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # Q2016LH6
Description  Alternistor Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q2016LH6 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  Q2016LH6 Datasheet HTML 1Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 3Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 4Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 5Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 6Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 7Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 8Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheets
Alternistor Triacs
©2004 Littelfuse, Inc.
E4 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
See “General Notes” and “Electrical Specification Notes” on page E4 - 5.
VGT
VTM
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(2) (6)
(15) (17)
(20)
Volts
(1) (5)
Volts
(1) (8)
(12)
mAmps
(14)
Amps
(14)
Watts
Watts
(9) (13)
Amps
(1) (4) (13)
Volts/µSec
(1)
Volts/
µSec
(10)
µSec
Amps2Sec
(19)
Amps/µSec
TC = 25 °C
60/50 Hz
TC = 100 °C TC = 125 °C
MAX
MAX
MAX
MIN
MIN
TYP
1.3
1.6
15
1.6
18
0.4
65/55
20
100
75
4
17.5
70
1.3
1.6
15
1.6
18
0.4
65/55
20
100
75
4
17.5
70
1.3
1.6
15
1.6
18
0.4
65/55
20
75
50
4
17.5
70
1.3
1.6
35
1.6
18
0.5
65/55
25
500
400
4
17.5
70
1.3
1.6
35
1.6
18
0.5
65/55
25
500
400
4
17.5
70
1.3
1.6
35
1.6
18
0.5
65/55
25
400
300
4
17.5
70
1.3
1.6
35
1.6
18
0.5
65/55
25
300
200
4
17.5
70
1.3
1.6
35
1.6
18
0.5
65/55
25
150
4
17.5
70
1.3
1.6
35
1.6
18
0.5
85/80
25
750
600
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
575
450
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
425
350
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
300
250
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
150
4
30
70
1.3
1.6
15
1.6
18
0.4
85/80
20
100
75
4
30
70
1.3
1.6
15
1.6
18
0.4
85/80
20
100
75
4
30
70
1.3
1.6
15
1.6
18
0.4
85/80
20
75
50
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
750
400
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
575
450
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
425
350
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
300
250
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
150
4
30
70
1.3
1.6
35
2
20
0.5
100/83
25
500
400
4
41
70
1.3
1.6
35
2
20
0.5
100/83
25
500
400
4
41
70
1.3
1.6
35
2
20
0.5
100/83
25
400
300
4
41
70
1.3
1.6
35
2
20
0.5
100/83
25
300
200
4
41
70
1.3
1.6
35
2
20
0.5
100/83
25
150
4
41
70
1.3
1.6
50
2
20
0.5
120/110
30
1150
1000
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
1000
750
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
850
650
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
650
500
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
300
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
1150
1000
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
1000
750
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
850
650
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
650
500
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
300
4
60
70


Similar Part No. - Q2016LH6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q2016LH6 LITTELFUSE-Q2016LH6 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
More results

Similar Description - Q2016LH6

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
Littelfuse
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com