Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7213L Datasheet(PDF) 3 Page - NEC

Part # LD7213L
Description  14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7213L Datasheet(HTML) 3 Page - NEC

  LD7213L Datasheet HTML 1Page - NEC LD7213L Datasheet HTML 2Page - NEC LD7213L Datasheet HTML 3Page - NEC LD7213L Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LD7213, LD7213L
TYPICAL OPERATION (Note 2, 3 and 5)
Frequency ………………………………………………
LD7213 : 14.0 to 14.5 GHz
LD7213L : 13.75 to 14.5 GHz
Outoput power …………………………………………
300
W
Heater Voltage (Note 4) ………………………………
6.1
V
Heater Current …………………………………………
1.05
A
Helix Voltage ……………………………………………
8.4
kV
Helix Current ……………………………………………
3
mA
Collector Voltage ………………………………………
4
kV
Cathode Current ………………………………………
230
mA
Power Gain
at 15 W ………………………………………………
58
dB
at 300 W
……………………………………………
55
dB
Gain Variation (at 15 W) ………………………………
LD7213 : 1.5 dB / 500 MHz
LD7213L : 1.5 dB / 750 MHz
Gain Slope (at 15 W) …………………………………
0.01
dB/MHz
AM-PM Conversion
at 15 W ………………………………………………
0.7
˚/dB
at 300 W
……………………………………………
3
˚/dB
3rd Order Intermodulation
(two equal carriers, 20 W total) ……………………
–30
dBc
Note 1 : Absolute rating should not be exceeded under continuous or transient conditions. A single absolute
rating may be the limitation and simultaneous operation at more than one absolute rating may not be
possible.
Note 2 : The tube body is at ground potential in operation.
Note 3 : All voltages are referred to the cathode potential except the heater voltage.
Note 4 : The optimum operating parameters are shown on a test performance sheet for each tube.
Note 5 : These characteristics and operating values may be changed as a result of additional information or
product improvement. NEC should be consulted before using this information for equipment design.
This data sheet should not be referred to a contractual specification.


Similar Part No. - LD7213L

ManufacturerPart #DatasheetDescription
logo
NEC
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
   6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215C NEC-LD7215C Datasheet
92Kb / 4P
   6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215D NEC-LD7215D Datasheet
92Kb / 4P
   6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
   6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
   6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
More results

Similar Description - LD7213L

ManufacturerPart #DatasheetDescription
logo
NEC
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
   14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
   14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
   6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
   30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7235 NEC-LD7235 Datasheet
66Kb / 6P
   30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
   6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
   14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
LD7202 NEC-LD7202 Datasheet
98Kb / 8P
   14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
   30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
   30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com