Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1032K Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SB1032K
Description  Silicon PNP Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB1032K Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SB1032K Datasheet HTML 1Page - Hitachi Semiconductor 2SB1032K Datasheet HTML 2Page - Hitachi Semiconductor 2SB1032K Datasheet HTML 3Page - Hitachi Semiconductor 2SB1032K Datasheet HTML 4Page - Hitachi Semiconductor 2SB1032K Datasheet HTML 5Page - Hitachi Semiconductor 2SB1032K Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SB1032(K)
4
–0.01
–0.03
–0.1
–0.3
–1.0
–3
–10
Collector current IC (A)
–0.3
–1.0
–3
–10
–30
Saturation Voltage vs. Collector Current
VRE (sat)
VCE (sat)
Ta = 25
°C
Pulse
100
200
lC/lB = 500
0.01
0.03
0.1
0.3
1.0
3
10
Collector current IC (A)
–0.3
–1.0
–3
–10
–30
Switching Time vs. Collector Current
VCC = –30 V
IC = 500 IB1 = –500 IB2
Ta = 25
°C
tf
ton
tstg
2
4
6
8
10
Diode forward voltage VF (V)
0
12345
Diode Current vs. Forward Voltage
TC = 25°C


Similar Part No. - 2SB1032K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SB1032 RENESAS-2SB1032 Datasheet
150Kb / 7P
   Silicon PNP Triple Diffused
More results

Similar Description - 2SB1032K

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB859 HITACHI-2SB859 Datasheet
32Kb / 5P
   Silicon PNP Triple Diffused
2SB955 HITACHI-2SB955 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
List of Unclassifed Man...
2SA755 ETC-2SA755 Datasheet
40Kb / 1P
   SILICON PNP TRIPLE DIFFUSED
logo
Hitachi Semiconductor
2SB1091 HITACHI-2SB1091 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB1399 HITACHI-2SB1399 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1494 HITACHI-2SB1494 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
Renesas Technology Corp
2SB1530 RENESAS-2SB1530 Datasheet
147Kb / 7P
   Silicon PNP Triple Diffused
logo
Hitachi Semiconductor
2SB1389 HITACHI-2SB1389 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB566 HITACHI-2SB566 Datasheet
33Kb / 6P
   Silicon PNP Triple Diffused
2SB1079 HITACHI-2SB1079 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com