Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q8025NH6RP Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # Q8025NH6RP
Description  Alternistor Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q8025NH6RP Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button Q8025NH6RP Datasheet HTML 2Page - List of Unclassifed Manufacturers Q8025NH6RP Datasheet HTML 3Page - List of Unclassifed Manufacturers Q8025NH6RP Datasheet HTML 4Page - List of Unclassifed Manufacturers Q8025NH6RP Datasheet HTML 5Page - List of Unclassifed Manufacturers Q8025NH6RP Datasheet HTML 6Page - List of Unclassifed Manufacturers Q8025NH6RP Datasheet HTML 7Page - List of Unclassifed Manufacturers Q8025NH6RP Datasheet HTML 8Page - List of Unclassifed Manufacturers Q8025NH6RP Datasheet HTML 9Page - List of Unclassifed Manufacturers Q8025NH6RP Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Alternistor Triacs
Data Sheets
http://www.littelfuse.com
E4 - 8
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Figure E4.7 Normalized DC Gate Trigger Voltage for all Quadrants
versus Case Temperature
Figure E4.8 Normalized DC Gate Trigger Current for all Quadrants
versus Case Temperature
Figure E4.9 Normalized DC Holding Current versus Case Temperature
Figure E4.10 Peak Surge Current versus Surge Current Duration
(6 A to 12 A)
Figure E4.11 Peak Surge Current versus Surge Current Duration
(16 A to 40 A)
Figure E4.12 Turn-on Time versus Gate Trigger Current (Typical)
0
.5
1.0
1.5
2.0
-65
-15
+65
+25
+125
-40
Case Temperature (T
C) – ˚C
0
1.0
2.0
3.0
4.0
-65
-15
+65
+25
+125
-40
Case Temperature (T
C) – ˚C
0
1.0
2.0
3.0
4.0
-65
-15
+65
+25
+125
-40
Case Temperature (T
C) – ˚C
INITIAL ON-STATE CURRENT
= 400 mA dc 16 A to 40 A Devices
= 100 mA dc 6 to 12A Devices
200
120
40
1
2
3 45 6
8 10
20
30 40
60 80 100
200
300
600
1000
80
60
50
100
8
6
5
10
30
20
4
1
3
2
Surge Current Duration – Full Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [IT(RMS)]: Maximum
Rated Value at Specified Case Temperature
Notes:
1) Gate control may be lost during and
immediately following surge current
interval
2) Overload may not be repeated until
junction temperature has returned
to steady state rated value.
10 A to 12 A Devices
8 A TO-251
and TO-252
8 A Devices
6 A Devices
6 A TO-251
and TO-252
110
100
1000
10
20
30
40
50
60
80
100
250
300
400
1000
Surge Current Duration – Full Cycles
200
Notes:
1) Gate control may be lost during and
immediately following surge current
interval.
2) Overload may not be repeated until
junction temperature has returned to
steady-state rated value.
SUPPLY FREQUENCY: 60Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [IT(RMS)]: Maximum
Rated Value at Specified Case Temperature
40 A Devices
35 A Devices
30 A Devices
25 A Devices
16 A Devices
0
100
200
300
400
500
0
2
4
6
8
10
DC Gate Trigger Current (IGT) – mA
IGT = 80 to 100 mA
IGT = 10 mA to 35 mA
IGT = 50 mA


Similar Part No. - Q8025NH6RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q8025NH6 LITTELFUSE-Q8025NH6 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
More results

Similar Description - Q8025NH6RP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
Littelfuse
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com