Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKM4318GEPI Datasheet(PDF) 3 Page - Ericsson

Part # PKM4318GEPI
Description  36-75 Vdc DC/DC converter Output up to 20 A/50 W
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKM4318GEPI Datasheet(HTML) 3 Page - Ericsson

  PKM4318GEPI Datasheet HTML 1Page - Ericsson PKM4318GEPI Datasheet HTML 2Page - Ericsson PKM4318GEPI Datasheet HTML 3Page - Ericsson PKM4318GEPI Datasheet HTML 4Page - Ericsson PKM4318GEPI Datasheet HTML 5Page - Ericsson PKM4318GEPI Datasheet HTML 6Page - Ericsson PKM4318GEPI Datasheet HTML 7Page - Ericsson PKM4318GEPI Datasheet HTML 8Page - Ericsson PKM4318GEPI Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image

EN/LZT 146 051 R7A © Ericsson Power Modules, February 2007
PKM 4000E PI Datasheet
Mechanical Information


Similar Part No. - PKM4318GEPI

ManufacturerPart #DatasheetDescription
logo
StarHope
PKM430AB SPSEMI-PKM430AB Datasheet
257Kb / 2P
   Glass passiated junction
PKM430CB SPSEMI-PKM430CB Datasheet
257Kb / 2P
   Glass passiated junction
More results

Similar Description - PKM4318GEPI

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
logo
Ericsson
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Wall Industries,Inc.
LANC4815DW8 WALL-LANC4815DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹15 VDC Output at 짹0.267A
LANC4815W12 WALL-LANC4815W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 15 VDC Output at 0.8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com