Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKM4218LEPI Datasheet(PDF) 1 Page - Ericsson

Part # PKM4218LEPI
Description  36-75 Vdc DC/DC converter Output up to 20 A/50 W
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKM4218LEPI Datasheet(HTML) 1 Page - Ericsson

  PKM4218LEPI Datasheet HTML 1Page - Ericsson PKM4218LEPI Datasheet HTML 2Page - Ericsson PKM4218LEPI Datasheet HTML 3Page - Ericsson PKM4218LEPI Datasheet HTML 4Page - Ericsson PKM4218LEPI Datasheet HTML 5Page - Ericsson PKM4218LEPI Datasheet HTML 6Page - Ericsson PKM4218LEPI Datasheet HTML 7Page - Ericsson PKM4218LEPI Datasheet HTML 8Page - Ericsson PKM4218LEPI Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
36-75 Vdc DC/DC converter
Output up to 20 A/50 W
PKM 4000E Series
Contents
Product Program . . . . . . . . . . . . . . . . . . . . . . 2
Quality Statement . . . . . . . . . . . . . . . . . . . . . 2
Limitation of Liability . . . . . . . . . . . . . . . . . . . 2
Mechanical Information . . . . . . . . . . . . . . . . . 3
Mechanical Information HS-Option . . . . . . . . 4
Absolute Maximum Ratings . . . . . . . . . . . . . 5
Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Safety Specification . . . . . . . . . . . . . . . . . . . 6
Product Qualification Specification . . . . . . . . 7
PKM 4218LE PI - 1 .2 V Data . . . . . . . . . . . . . 8
PKM 4318HE PI - 1 .5 V Data . . . . . . . . . . . 11
PKM 4318GE PI - 1 .8 V Data . . . . . . . . . . . 14
PKM 4319E PI - 2 .5 V Data . . . . . . . . . . . . . 17
PKM 4510E PI - 3 .3 V Data . . . . . . . . . . . . . 20
PKM 4511E PI - 5 .0 V Data . . . . . . . . . . . . . 23
PKM 4513E PI - 12 V Data . . . . . . . . . . . . . 26
PKM 4515E PI - 15 V Data . . . . . . . . . . . . . 29
EMC Specification . . . . . . . . . . . . . . . . . . . . 32
Operating Information . . . . . . . . . . . . . . . . . 33
Thermal Consideration . . . . . . . . . . . . . . . . 35
Soldering Information . . . . . . . . . . . . . . . . . 36
Delivery Package Information . . . . . . . . . . . 36
Compatibility with RoHS requirements . . . . 36
Reliability . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Sales Offices and Contact Information . . . . 37
Datasheet
The PKM 4000E series of high efficiency DC/DC
converters are designed to provide high quality on-board
power solutions in distributed power architectures used
in Internetworking equipment in wireless and wired
communications applications . The PKM 4000E series
has industry standard quarter brick footprint and pin-out
and is only 8 .5 mm (0 .33 in) high . This makes it extremely
well suited for narrow board pitch applications with board
spacing down to 15 mm (0 .6 in) . The PKM 4000E series
uses patented synchronous rectification technology and
achieves an efficiency up to 90% at full load . Ericsson’s
PKM 4000E series addresses both the industrial and the
emerging telecom market for applications in the multi-
service network by specifying the input voltage range in
accordance with ETSI specifications . Included as standard
features are output over-voltage protection, input under-
voltage protection, over temperature protection, soft-start,
output short circuit protection, remote sense, remote control,
and output voltage adjust function . These converters are
designed to meet high reliability requirements and are
manufactured in highly automated manufacturing lines and
meet world-class quality levels .
Ericsson Power Modules is an ISO 9001/14001 certified
supplier.
Key Features
• Industry standard Quarter-brick
57 .9 x 36 .8 x 8 .5 mm (2 .28 x 1 .45 x 0 .33 in)
• High efficiency, typ . 90 % at 3 .3 Vout half load
• 1500 Vdc input to output isolation, meets isolation
requirements equivalent to basic insulation according
to IEC/EN/UL 60950
• More than 7 .0 million hours predicted MTBF at +40 ºC
ambient temperature
E


Similar Part No. - PKM4218LEPI

ManufacturerPart #DatasheetDescription
logo
StarHope
PKM430AB SPSEMI-PKM430AB Datasheet
257Kb / 2P
   Glass passiated junction
PKM430CB SPSEMI-PKM430CB Datasheet
257Kb / 2P
   Glass passiated junction
logo
Murata Manufacturing Co...
PKM44EWH1001C MURATA-PKM44EWH1001C Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
More results

Similar Description - PKM4218LEPI

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
logo
Ericsson
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Wall Industries,Inc.
LANC4815DW8 WALL-LANC4815DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹15 VDC Output at 짹0.267A
LANC4815W12 WALL-LANC4815W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 15 VDC Output at 0.8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com