Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1012 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SB1012
Description  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB1012 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SB1012 Datasheet HTML 1Page - Hitachi Semiconductor 2SB1012 Datasheet HTML 2Page - Hitachi Semiconductor 2SB1012 Datasheet HTML 3Page - Hitachi Semiconductor 2SB1012 Datasheet HTML 4Page - Hitachi Semiconductor 2SB1012 Datasheet HTML 5Page - Hitachi Semiconductor 2SB1012 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SB1012(K)
3
0
50
100
150
Case Temperature TC (°C)
Maximum Collector Dissipation Curve
10
20
30
–0.003
–0.01
–0.03
–0.1
–0.3
–1.0
–3
Collector to emitter Voltage VCE (V)
–3
–10
–30
–100
–300
Area of Safe Operation
iC (peak)
IC (max)
Ta = 25
°C
1 Shot pulse
Collector to emitter Voltage VCE (V)
0
–1–2–3–4–5
Typical Output Characteristics
–1
–2
–3
–4
–5
TC = 25°C
Pulse
IB = –0.3 mA
–0.5 mA
–1 mA
–3 mA
–5 mA
–7 mA
30
100
300
1,000
3,000
10,000
30,000
Collector current IC (A)
–0.03
–0.1
–0.3
–1.0
–3
DC Current Transfer Ratio vs.
Collector Current
VCE = –3 V
Pulse Test
Ta
= 75
°C
25
°C
–25
°C


Similar Part No. - 2SB1012

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1010 ROHM-2SB1010 Datasheet
195Kb / 2P
   TRANSISTORS TO 92L TO-92LS MRT
2SB1010 ROHM-2SB1010 Datasheet
88Kb / 2P
   1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
Panasonic Semiconductor
2SB1011 PANASONIC-2SB1011 Datasheet
87Kb / 4P
   Silicon PNP triple diffusion planar type
logo
Toshiba Semiconductor
2SB1015 TOSHIBA-2SB1015 Datasheet
148Kb / 3P
   TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
logo
Savantic, Inc.
2SB1015 SAVANTIC-2SB1015 Datasheet
162Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB1012

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com