Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1105BSTM Datasheet(PDF) 1 Page - Ericsson

Part # ISP1105BSTM
Description  Advanced USB transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

ISP1105BSTM Datasheet(HTML) 1 Page - Ericsson

  ISP1105BSTM Datasheet HTML 1Page - Ericsson ISP1105BSTM Datasheet HTML 2Page - Ericsson ISP1105BSTM Datasheet HTML 3Page - Ericsson ISP1105BSTM Datasheet HTML 4Page - Ericsson ISP1105BSTM Datasheet HTML 5Page - Ericsson ISP1105BSTM Datasheet HTML 6Page - Ericsson ISP1105BSTM Datasheet HTML 7Page - Ericsson ISP1105BSTM Datasheet HTML 8Page - Ericsson ISP1105BSTM Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The ISP1105/1106 range of Universal Serial Bus (USB) transceivers are compliant with
the Universal Serial Bus Specification Rev. 2.0. They can transmit and receive serial data
at both full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s) data rates. The ISP1105/1106
range can be used as a USB device transceiver or a USB host transceiver.
They allow USB Application Specific ICs (ASICs) and Programmable Logic Devices
(PLDs) with power supply voltages from 1.65 V to 3.6 V to interface with the physical layer
of the Universal Serial Bus. They have an integrated 5 V-to-3.3 V voltage regulator for
direct powering via the USB supply VBUS.
ISP1105 allows single-ended and differential input modes selectable by a MODE input
and it is available in HVQFN16 and HBCC16 packages. ISP1106 allows only differential
input mode and is available in both TSSOP16 and HBCC16 packages.
The ISP1105/1106 are ideal for portable electronics devices such as mobile phones,
digital still cameras, Personal Digital Assistants (PDA) and Information Appliances (IA).
2.
Features
Complies with Universal Serial Bus Specification Rev. 2.0
Can transmit and receive serial data at both full-speed (12 Mbit/s) and low-speed
(1.5 Mbit/s) data rates
Integrated bypassable 5 V-to-3.3 V voltage regulator for powering via USB VBUS
VBUS disconnection indication through VP and VM
Used as a USB device transceiver or a USB host transceiver
Stable RCV output during SE0 condition
Two single-ended receivers with hysteresis
Low-power operation
Supports an I/O voltage range from 1.65 V to 3.6 V
±12 kV ESD protection at the D+, D−, V
CC(5.0) and GND pins
Full industrial operating temperature range from
−40 °C to +85 °C
Available in small HBCC16, HVQFN16 (only ISP1105) and TSSOP16 (only ISP1106)
packages
The ISP1105 HBCC16 and HVQFN16 are lead-free and halogen-free.
The ISP1106 HBCC16 is lead-free.
ISP1105/1106
Advanced USB transceivers
Rev. 10 — 28 September 2009
Product data sheet


Similar Part No. - ISP1105BSTM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1105 PHILIPS-ISP1105 Datasheet
588Kb / 24P
   Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
ISP1105W PHILIPS-ISP1105W Datasheet
588Kb / 24P
   Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
More results

Similar Description - ISP1105BSTM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1105 PHILIPS-ISP1105 Datasheet
588Kb / 24P
   Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
logo
Texas Instruments
TUSB1105 TI-TUSB1105 Datasheet
894Kb / 30P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106-Q1 TI1-TUSB1106-Q1 Datasheet
594Kb / 24P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106 TI-TUSB1106_10 Datasheet
1Mb / 34P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105 TI-TUSB1105_10 Datasheet
1Mb / 33P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
logo
Level One
LXT300Z LVL1-LXT300Z Datasheet
519Kb / 20P
   ADVANCED T1/E1 SHORT-HAUL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com