Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3191-3P Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 3191-3P
Description  2.36mm Diameter Standard .093 Pin and Socket Plug Housing with Positive Latch, UL 94V-2, with Panel Mount, 3 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

3191-3P Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  3191-3P Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
19-09-2038
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Plug Housing with Positive Latch, UL
94V-2, with Panel Mount, 3 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
3191
Application
Power, Wire-to-Wire
Comments
Polarized to Mating Part, with Mounting Ears
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800753594173
Physical
Breakaway
No
Circuits (maximum)
3
Circuits Detail
1x3
Color - Resin
Natural
Flammability
94V-2
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
3.716/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
6.70mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
11A
Material Info
Old Part Number
3191-3P
Reference - Drawing Numbers
Sales Drawing
SD-3191-3*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
3191Series
Mates With
19-09-1036 , 19-09-1039 , 19-09-5039 ,
5219
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
2605 , 2606 , 1973 , 2151 , 2273 , 2870 ,
2871 , 4272
This document was generated on 08/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 3191-3P

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3191-3P MOLEX2-3191-3P Datasheet
191Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount, 3 Circuits
3191-3P-201 MOLEX2-3191-3P-201 Datasheet
191Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-0, Panel Mount, 3 Circuits
3191-3P-201 MOLEX11-3191-3P-201 Datasheet
42Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing with Positive Latch, UL 94V-0, with Panel Mount, 3 Circuits
3191-3P1 MOLEX2-3191-3P1 Datasheet
191Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 3 Circuits
3191-3P1 MOLEX11-3191-3P1 Datasheet
42Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing with Positive Latch, UL 94V-2, without Panel Mount, 3 Circuits
More results

Similar Description - 3191-3P

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0019092038 MOLEX2-0019092038 Datasheet
191Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount, 3 Circuits
0039036030 MOLEX3-0039036030 Datasheet
101Kb / 2P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount, 3 Circuits
19-09-2038 MOLEX-19-09-2038 Datasheet
42Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Plug Housing with Positive Latch, UL 94V-2, with Panel Mount, 3 Circuits
0039036010 MOLEX3-0039036010 Datasheet
175Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount
0019092028 MOLEX2-0019092028 Datasheet
122Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount, 2 Circuits
0039036020 MOLEX3-0039036020 Datasheet
109Kb / 2P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount, 2 Circuits
0039036032 MOLEX3-0039036032 Datasheet
90Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 3 Circuits
0019092039 MOLEX2-0019092039 Datasheet
191Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 3 Circuits
19-09-2028 MOLEX11-19-09-2028 Datasheet
42Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing with Positive Latch, UL 94V-2, with Panel Mount, 2 Circuits
0019092068 MOLEX2-0019092068 Datasheet
122Kb / 3P
   2.36mm (.093) Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount, 6 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com