Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-117631-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 120-117631-1
Description  Capable of handling low and high current requirements
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

120-117631-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  120-117631-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 120-117631-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 120-117631-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TYPE 120 PART NUMBERING SYSTEM
120 – 1 xx x x x - x
Coil
Voltage/Duty
02 – 6 Volt continuous
05 – 12 Volt continuous
06 – 12 Volt intermittent
07 – 14 Volt continuous
08 – 15 Volt continuous
14 – 24 Volt continuous
17 – 36 Volt continuous
(special, 100 ohm coil)
19 – 36 Volt continuous
20 – 48 Volt continuous
Coil Termination
(15 in-lb torque spec.)
1 – Isolated w/ #10-32
terminal (0.220 min. length)
2 – Grounded w/ #10-32
terminal (0.220 min. length)
3 – Isolated w/
1/4” Q.C. terminal
4 – Grounded w/
1/4” Q.C. terminal
6 – Grounded w/ #8-32
tapered terminal
7 – Isolated w/ #10-32
terminal (0.451 min. length)
8 – Grounded w/ #10-32
terminal (0.451 min. length)
Basic Part Number Series
SPNO
Factory Assigned Specials
(where undefined, contact factory)
No dash – Standard assem-
bly, hardware sent bulk
1 – Without hardware
2 – Extra hardware loosely
mounted to solenoid
4 – Customer requested
markings
5 – Mounting bracket zinc-
plated and dichromate dip
6 – Customer requested
markings
7 – Customer requested
markings
8 – No hardware, mounting
bracket as -5 option
9 – Customer requested
markings
11 – Customer requested
markings
Contact Material and
Termination (55 in-lb torque spec.)
1 – AgCdO w/ 5/16”-24
terminal (0.388 min. length)
3 – Cu w/ 5/16”-24
terminal (0.388 min. length)
4 – Cu w/ 1/4”-20 terminal
5 – AgCdO w/ 5/16”-24
terminal (0.495 min. length)
Mounting
Bracket
1 – Standard bracket
2 – “L” shaped bracket
.281 WIDE X .400 LONG SLOT
.281 WIDE X .400 LONG SLOT
Terminal Type 4 - Isolated Coil (L Bracket)
Terminal Type 4 - Isolated Coil (STD Bracket)
L
2.125
H MAX.
3.253
#10-32 UNF-2A
THREAD TYP.
See Part Numbering
System chart, above
See Part Numbering
System chart, above
5/16”-24 UNF-2A
THREAD TYP.
#10-32 UNF-2A
THD (PLACES)
5/16”-24 UNF-2A
THD (2 PLACES)
.875
.875
1.375
W 2.875
W 3.000
L
2.500
.625
1.375
2.125
.900
H MAX.
3.250
2.125
.625
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
R-4002C
1233
APPLICATION NOTES
• Notallpartnumbercombinationsareavailable.PleasecontactyourSalesRepresentativeforavailablepartnumbers.
• Solenoidsappliedinbatterychargingcircuitsshouldbeprotectedfromhigherthanratedvoltageduringcharging.Theservicelife
maybeaffectedbythisconditionandthesolenoidmayormaynotoperatethecircuitasintended.
• Circuitsshouldbedesignedtoprovidesafeoperationshouldthesolenoidfailineithertheopenorclosedposition.
• Aback-upwrenchmustbeusedtoholdthebottomnutstationaryduringinstallation.


Similar Part No. - 120-117631-1

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
120-1132 CAMBION-120-1132 Datasheet
27Kb / 1P
   Solder terminal, Pin type
120-1133 CAMBION-120-1133 Datasheet
27Kb / 1P
   Solder terminal, Pin type
120-1134 CAMBION-120-1134 Datasheet
27Kb / 1P
   Solder terminal, Pin type
More results

Similar Description - 120-117631-1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GDSSF2816EB GOOD-ARK-GDSSF2816EB Datasheet
444Kb / 4P
   High Power and current handling capability
GDSSF2418EB GOOD-ARK-GDSSF2418EB Datasheet
507Kb / 4P
   High Power and current handling capability
GDSSF6401 GOOD-ARK-GDSSF6401 Datasheet
953Kb / 6P
   High Power and current handling capability
logo
Taiwan Semiconductor Co...
TSM10NB60 TSC-TSM10NB60 Datasheet
667Kb / 7P
   High power and current handling capability
logo
Silikron Semiconductor ...
SSF2418EB SILIKRON-SSF2418EB Datasheet
300Kb / 5P
   High Power and current handling capability
SSF2816EB SILIKRON-SSF2816EB Datasheet
304Kb / 5P
   High Power and current handling capability
SSF3617 SILIKRON-SSF3617 Datasheet
334Kb / 5P
   High Power and current handling capability
logo
P-tec Corporation
PL00182-WCRY2722 P-TEC-PL00182-WCRY2722 Datasheet
42Kb / 1P
   Low current requirements
PL00182-WCRY2122 P-TEC-PL00182-WCRY2122 Datasheet
28Kb / 1P
   Low current requirements
PL00182-WCYB0611 P-TEC-PL00182-WCYB0611 Datasheet
28Kb / 1P
   Low current requirements
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com