Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTT2605 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GTT2605
Description  P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GTT2605 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GTT2605 Datasheet HTML 1Page - E-Tech Electronics LTD GTT2605 Datasheet HTML 2Page - E-Tech Electronics LTD GTT2605 Datasheet HTML 3Page - E-Tech Electronics LTD GTT2605 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
ISSUED DATE :2006/03/28
REVISED DATE :
G
G T
T T
T 22660055
P
P -- C
C H
H A
A N
N N
N E
E L
L E
E N
N H
H A
A N
N C
C E
E M
M E
E N
N T
T M
M O
O D
D E
E P
P O
O W
W E
E R
R M
M O
O S
S F
F E
E T
T
Description
The GTT2605 utilized advanced processing techniques to achieve the lowest possible on-resistance,
extremely efficient and cost-effectiveness device.
The GTT2605 is universally used for all commercial-industrial applications.
Features
*Fast Switching Characteristic
*Lower Gate Charge
*Small Footprint & Low Profile Package
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.10 MAX.
L
0.45 REF.
A1
0
0.10
L1
0.60 REF.
A2
0.70
1.00
10°
c
0.12 REF.
b
0.30
0.50
D
2.70
3.10
e
0.95 REF.
E
2.60
3.00
e1
1.90 REF.
E1
1.40
1.80
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current3
ID @TA=25 :
-4
A
Continuous Drain Current3
ID @TA=70 :
-3.3
A
Pulsed Drain Current1
IDM
-20
A
Power Dissipation
PD @TA=25 :
2
W
Linear Derating Factor
0.016
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3 Max.
Rthj-a
62.5
: /W
BVDSS
-30V
RDS(ON)
80m
ID
-4.0A
Pb Free Plating Product


Similar Part No. - GTT2605

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GTT2605 GTM-GTT2605 Datasheet
288Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GTT2605

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GT2623 ETL-GT2623 Datasheet
338Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G6401 ETL-G6401 Datasheet
425Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GT2605 ETL-GT2605 Datasheet
366Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G1333 ETL-G1333 Datasheet
355Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2303 ETL-G2303 Datasheet
405Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2305 ETL-G2305 Datasheet
394Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GT2625 ETL-GT2625 Datasheet
354Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GTT2623 ETL-GTT2623 Datasheet
304Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GC2301 ETL-GC2301 Datasheet
243Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G152B ETL-G152B Datasheet
491Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com