Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

586-308111-3A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 586-308111-3A
Description  Water resistant Double-make or double-break contacts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

586-308111-3A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  586-308111-3A Datasheet HTML 1Page - List of Unclassifed Manufacturers 586-308111-3A Datasheet HTML 2Page - List of Unclassifed Manufacturers 586-308111-3A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 586
sealed solenoid
FEATURES
• Waterresistant
• Double-makeordouble-breakcontacts
• Capableofhandlinghighandlowcurrentrequirements
• Blackimpactphenoliccasing
ENGINEERING DATA
Contacts
• Poleform–SPNOandSPDT
• Material–silveralloy
• Termination–5/16”-24UNF-2Athread
RATINGS
Volts DC
6
12
24 & 36
Cont.
200A
200 A
200 A
Inrush
600 A
600 A
600 A
NO
NC
Cont.
100A
100 A
100 A
Inrush
300 A
300 A
200 A
COIL DATA
Volts DC
6
12
15
18
24
36
48
Resistance in Ohms
Intermittent§
Continuous
SPDT
2.2
8.4
13.1
18.4
33.6
75.6
134.0
SPNO
3.3
13.2
21.0
30.0
53.0
120.0
213.0
SPDT
3.3
13.2
21.0
30.0
53.0
120.0
213.0
SPNO
5.25
21.0
32.8
47.0
84.0
189.0
336.0
§ Intermittent—special request only
WHITE-RODGERS
DC PRODUCTS
R-4005B
1232
GENERAL DATA
DielectricStrength
•500Volts
TemperatureRange
•-40°F/-40°Cto149°F/65°C
MechanicalLife(noload)
•100,000cycles
ElectricalLife(ratedload—makingandbreak-
ing
200amponNOContacts)
•50,000cycles
MountingPosition
•Recommendedmountingisverticalplane
withcoilterminalsup
Weight(approximate)
•SPNO–24.0oz.
•SPDT–26.0oz.
DutyCycle
•Continuous
•Intermittent—10seconds“on”maximum
andminimum60seconds“off”
Oneminute“on”maximumandminimum
6minutes“off”
HardwareTorqueSpecification
•ContactTerminal:60inch-lbs.max.
•CoilTerminal:12-18inch-lbs.max.
Coils
• Voltage–6VDCthrough48VDC
• Termination–#10-32UNF-2Athread
• Power(approximate)
Continuous12wattsSPDT,8wattsSPNO
• Connections
Coilisolated(twoterminals)
• Operate(77°F/25°C)
67%ofnominalcoilvoltage(intermittent)
110%max.safeofnominalcoilvoltage
St.Louis,MissouriMarkham,Ontario
314-553-3600905-948-3411
www.white-rodgers.com
The Emerson logo is a
trademark and a service mark
of Emerson Electric Co.


Similar Part No. - 586-308111-3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586-314111 ETC2-586-314111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
586-317111 ETC2-586-317111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
More results

Similar Description - 586-308111-3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMC05060 ETC2-RMC05060 Datasheet
398Kb / 3P
   1 pole 30/32 A, 1 form X, double make, NO or 1 form Z, double make double break, NO NC
logo
Tyco Electronics
N-415A-1 MACOM-N-415A-1 Datasheet
52Kb / 1P
   3PDT Double Break Main Contacts
NN-449B MACOM-NN-449B Datasheet
57Kb / 1P
   SPDT Double Break Main Contacts
NN-233A MACOM-NN-233A Datasheet
59Kb / 1P
   SPDT Double Break Main Contacts
NN-233C MACOM-NN-233C Datasheet
77Kb / 1P
   SPDT Double Break Main Contacts
NN-307 MACOM-NN-307 Datasheet
68Kb / 1P
   SPST Double Break Main Contacts
logo
Nais(Matsushita Electri...
JJM2W-12V NAIS-JJM2W-12V Datasheet
48Kb / 2P
   DOUBLE MAKE CONTACT AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKW-SH ETC2-HFKW-SH Datasheet
66Kb / 4P
   DOUBLE MAKE CONTACT AUTOMOTIVE REALY
logo
Tyco Electronics
H-14 MACOM-H-14 Datasheet
469Kb / 1P
   Make & Break Load Switching
H-23 MACOM-H-23 Datasheet
239Kb / 1P
   Make & Break Load Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com